Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECV10M7FA00-R0 Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # SFECV10M7FA00-R0
Description  Ceramic Filters (CERAFIL) for FM Receivers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFECV10M7FA00-R0 Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button SFECV10M7FA00-R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
P61E7.pdf 01.10.17
7
2
Ceramic Filters (CERAFILr) for FM Receivers
CERAFILr Small Chip Type SFECS Series
SFECS10M7 series for FM-receivers are small, high
performance and super thin (1.4mm) filters.
Piezoelectric element is connected in the sandwich
shape by ceramics substrate.
They have 1.4mm thickness and small mounting area.
(3.5x3.1mm)
New SFECS series and PFWCC(kHz filter for AM receiver)
enable customers to make AM/FM set so thin and small
sized.
s Features
1. The filters are mountable by automatic placers.
2. They are slim, at only 1.4mm thickness, and have
a small mounting area (3.5x3.1mm) enabling
flexible PCB design.
3. Various bandwidths are available. Select a
suitable type in accordance with the desires
selectivity.
4. Operating temperature range :
-20 to +80 (degree C)
Storage temperature range :
-40 to +85 (degree C)
s Applications
1. Small, thin radios
2. Headphone stereos
F A
(1) : Input
(2) : Ground
(3) : Float (Signal line)
(4) : Output
(
*) : Reference
: EIAJ Monthly Code
(1)
(4)
(2)
(3)
3.45
T0.2
(1.35) (1.35)
0.7
T0.3 0.7T0.3 0.7T0.3
(1.30)
(1.30)
1.4
T0.1
Input electrode marker
0.6
T0.3
0.6
T0.3
0-0.3
0-0.3
0-0.3
0-0.3
W0.3
Y0.2
0.4
(in mm)
Part Number
Center Frequency (fo)
(MHz)
3dB Bandwidth
(kHz)
Attenuation
(kHz)
Insertion Loss
(dB)
Spurious Attenuation
(dB)
SFECS10M7HA00-R0
10.700
±30kHz
within180
±40kHz
470 max.
within4.5
±2.0 dB
30 min.
SFECS10M7GA00-R0
10.700
±30kHz
within230
±50kHz
510 max.
within3.5
±2.0 dB
30 min.
SFECS10M7FA00-R0
10.700
±30kHz
within280
±50kHz
590 max.
within3.0
±2.0 dB
30 min.
Area of Attenuation : [within 20dB]
Area of Spurious Attenuation : [within 9MHz to 12MHz]
Center frequency(fo) defined by the center of 3dB bandwidth.
s Center Frequency Rank Code
CODE
D
B
A
C
E
Z
M
30kHz Step
10.64MHz
±30kHz
10.67MHz
±30kHz
10.70MHz
±30kHz
10.73MHz
±30kHz
10.76MHz
±30kHz
25kHz Step
10.650MHz
±25kHz
10.675MHz
±25kHz
10.700MHz
±25kHz
10.725MHz
±25kHz
10.750MHz
±25kHz
Combination A,B,C,D,E
Combination A,B,C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com