Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECV10M7FA00-R0 Datasheet(PDF) 49 Page - Murata Manufacturing Co., Ltd.

Part # SFECV10M7FA00-R0
Description  Ceramic Filters (CERAFIL) for FM Receivers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFECV10M7FA00-R0 Datasheet(HTML) 49 Page - Murata Manufacturing Co., Ltd.

Back Button SFECV10M7FA00-R0 Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 46Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 47Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 48Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 49Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 50Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 51Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 52Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 53Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
P61E7.pdf 01.10.17
48
13
Continued from the preceding page.
s CDALA10M7CA001-B0
Test Circuit
0.01
µ
IF in
CX20090
(SONY)
VCC 5V
AF Output
AFC
Ref.
28 27
26
25 24 23 22
21 20 19
18 17
16 15
1
2
3
4
5
6
7
8
9
10
11 12
13 14
+
+
+
+
+
+
Unit
R :
C : F
Frequency Characteristics
Frequency ( MHz )
1
10
100
1000
10.5
10.4
10.6
10.7
10.8
10.9
11.0
0.1
1
10
100
Input Level 110 dB
µ
Mod. Freq. 400 Hz
Freq. Dev.
±22.5 kHz
AF Output
Distortion
Input signal conditions
s CDALA10M7CA005A-B0
Test Circuit
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
IC : LA7770 (SANYO)
DC Bias
+5V
DC Bias
+5.2V
DATA OUT
2k
5p
220p
10k
10k
Demod.OUT
+
-
Vcc=12V
IF IN
50
Unit
R :
C : F
Frequency Characteristics
Frequency ( MHz )
10
100
1000
5000
10.6
10.7
10.8
1
10
100
500
Input Level 100 dB
µ
Mod. Freq. 1000 Hz
Freq. Dev.
±75 kHz
AF Output
Distortion
Input signal conditions
s CDALA10M7CA040-B0
Test Circuit
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
TEA5710
(PHILIPS)
100
µ
0.01
µ
0.22
µ
10
µ
100
µ
0.01
µ
0.01
µ
1
µ
0.22
µ
VCC (3V)
AF-OUT
DC-OUT
S.S.G.
50
280
+
+
+
+
Unit
R :
C : F
Frequency Characteristics
Frequency ( MHz )
1
10
100
1000
10.5
10.6
10.7
10.8
10.9
0.1
1
10
100
10.4
11.0
Input Level 100 dB
µ
Mod. Freq. 1000 Hz
Freq. Dev.
±22.5 kHz
AF Output
Distortion
Input signal conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com