Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECV10M7FA00-R0 Datasheet(PDF) 30 Page - Murata Manufacturing Co., Ltd.

Part # SFECV10M7FA00-R0
Description  Ceramic Filters (CERAFIL) for FM Receivers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFECV10M7FA00-R0 Datasheet(HTML) 30 Page - Murata Manufacturing Co., Ltd.

Back Button SFECV10M7FA00-R0 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
P61E7.pdf 01.10.17
29
9
Continued from the preceding page.
M A R K I N G
E I A J
C O D E
9 . 0 m a x .
0 . 5
±0.1
1 . 7
±0.1
1 . 3 8
±0.2
2.5
±0.2 2.5±0.2
( 3 )
( 2 )
( 1 )
in mm
(1) : Input
(2) : Ground
(3) : Output
SFELA10M7GAXA-B0
(1)
(2)
(3)
7.0
±2.0
2.5
±0.2
0.5
±0.1
1.7
±0.1
1.38
±0.2
2.5
±0.2
M A R K I N G
E I A J
C O D E
(in mm)
(1) : Input
(2) : Ground
(3) : Output
SFELA10M7FA0G-B0
(1)
(2)
(3)
7.0
±2.0
2.5
±0.2
0.5
±0.1
1.7
±0.1
1.38
±0.2
2.5
±0.2
M A R K I N G
E I A J
C O D E
(in mm)
(1) : Input
(2) : Ground
(3) : Output
SFELA10M7GALP03-B0
M A R K I N G
E I A J
C O D E
9 . 0 m a x .
0 . 5
±0.1
1 . 7
±0.1
1 . 3 8
±0.2
2.5
±0.2 2.5±0.2
( 3 )
( 2 )
( 1 )
in mm
(1) : Input
(2) : Ground
(3) : Output
SFELA10M7GAXX-B0
(1)
(2)
(3)
7.0
±2.0
2.5
±0.2
0.5
±0.1
1.7
±0.1
1.38
±0.2
2.5
±0.2
M A R K I N G
E I A J
C O D E
(in mm)
(1) : Input
(2) : Ground
(3) : Output
SFELA10M7FALL-B0
Part Number
Center Frequency (fo)
(MHz)
3dB Bandwidth
(kHz)
Attenuation
(kHz)
Insertion Loss
(dB)
Spurious Attenuation
(dB)
GDT Bandwidth
(kHz)
SFELA10M7JAXE-B0
10.700
±30kHz
within150
±30kHz 500 max.
14.0 max.
35 min.
fo
±50 min.[within 0.15µsec.]
SFELA10M7HA0G-B0
10.700
±30kHz
within180
±40kHz 520 max.
7.0 max.
40 min.
fo
±45 min.[within 0.5µsec.]
SFELA10M7HAXD-B0
10.700
±30kHz
within180
±30kHz 530 max.
14.0 max.
33 min.
fo
±60 min.[within 0.15µsec.]
SFELA10M7GA0G-B0
10.700
±30kHz
within230
±50kHz 600 max.
7.0 max.
40 min.
fo
±60 min.[within 0.5µsec.]
SFELA10M7GALM-B0
10.700
±30kHz
within230
±50kHz 600 max. within9.0 ±2.0dB
30 min.
fo
±60 min.[within 0.25µsec.]
SFELA10M7GAXA-B0
10.700
±30kHz
within220
±40kHz 610 max.
12.5 max.
30 min.
fo
±80 min.[within 0.15µsec.]
SFELA10M7FA0G-B0
10.700
±30kHz
within280
±50kHz 650 max. within4.0 ±2.0dB
30 min.
fo
±85 min.[within 0.5µsec.]
SFELA10M7GALP03-B0
10.700
±30kHz
within250
±50kHz 650 max.
10.0 max.
30 min.
fo
±65 min.[within 0.25µsec.]
SFELA10M7GAXX-B0
10.700
±30kHz
within250
±40kHz 670 max.
12.0 max.
25 min.
fo
±110 min.[within 0.2µsec.]
SFELA10M7FALL-B0
10.700
±30kHz
within280
±50kHz 700 max. within7.0 ±2.0dB
25 min.
fo
±70 min.[within 0.25µsec.]
Area of Attenuation : [within 20dB]
Area of Spurious Attenuation : [within 9MHz to 12MHz]
Center frequency(fo) defined by the center of 3dB bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com