Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD400O2V Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # FD400O2V
Description  RELAIS HERMETIQUE 2 RT DOUBLE COUPURE 10 A/56 Vcc
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FD400O2V Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button FD400O2V Datasheet HTML 2Page - List of Unclassifed Manufacturers FD400O2V Datasheet HTML 3Page - List of Unclassifed Manufacturers FD400O2V Datasheet HTML 4Page - List of Unclassifed Manufacturers FD400O2V Datasheet HTML 5Page - List of Unclassifed Manufacturers FD400O2V Datasheet HTML 6Page - List of Unclassifed Manufacturers FD400O2V Datasheet HTML 7Page - List of Unclassifed Manufacturers FD400O2V Datasheet HTML 8Page - List of Unclassifed Manufacturers FD400O2V Datasheet HTML 9Page - List of Unclassifed Manufacturers FD400O2V Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
FICHE TECHNIQUE
SFD400CE40E
SOCLE POUR
FD400/FD470 RELAIS
FAMILLE DE SOCLES POUR:
Relais FD400 et FD470
Socle pour montage sur circuit imprimé
CARACTERISTIQUES GENERALES
Température d'utilisation
-55°C à +125°C
Température de stockage
-70°C à +150°C
Resistance d'isolement
> 1000 M
Ω
Rigidité diélectrique
- Entre broches et fixations
1500 Vrms / 50 Hz
- Entre broches
1500 Vrms / 50 Hz
Vibrations sinusoïdales
20 g / 10 à 2000 Hz
Chocs
50 g / 11 ms
Fixations livrées
6 vis M3-5. 6 rondelles onduflex
LEACH ® INTERNATIONAL
Solutions for Power Switching and Control
www.leachintl.com
North America
6900 Orangethorpe Ave.
P.O. Box 5032
Buena Park, CA 90622 USA
Tel: (01) 714-736-7599
Fax: (01) 714-670-1145
Europe, SA
2 Rue Goethe
57430 Sarralbe
France
Tel: (33) 3 87 97 98 97
Fax: (33) 3 87 97 84 04
Asia-Pacific Ltd.
20/F Shing Hing Commercial Bldg.
21-27 Wing Kut Street
Central, Hong Kong
Tel: (852) 2 191 2886
Fax: (852) 2 389 5803
Date of issue: 6/01
- 49 -
Page 1 of 1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com