Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD400O2V Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FD400O2V
Description  RELAIS HERMETIQUE 2 RT DOUBLE COUPURE 10 A/56 Vcc
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FD400O2V Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FD400O2V Datasheet HTML 1Page - List of Unclassifed Manufacturers FD400O2V Datasheet HTML 2Page - List of Unclassifed Manufacturers FD400O2V Datasheet HTML 3Page - List of Unclassifed Manufacturers FD400O2V Datasheet HTML 4Page - List of Unclassifed Manufacturers FD400O2V Datasheet HTML 5Page - List of Unclassifed Manufacturers FD400O2V Datasheet HTML 6Page - List of Unclassifed Manufacturers FD400O2V Datasheet HTML 7Page - List of Unclassifed Manufacturers FD400O2V Datasheet HTML 8Page - List of Unclassifed Manufacturers FD400O2V Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FICHE TECHNIQUE
FD400
RELAIS HERMETIQUE
2 RT DOUBLE COUPURE
10 A/56 Vcc
NOTES D'APPLICATION:
001
007
SOCLE ASSOCIE:
SFD400CE40E
Relais hermétique monostable polarisé
Combinaison des contacts
2 R(DC) + 2 T(DE)
Alimentation bobine
Courant continu
CARACTERISTIQUES TECHNIQUES PRINCIPALES
Prévu pour commuter
10 A / 56 Vcc
Masse
80 g max
Dimensions max. du boîtier en
mm
26 x 25,7 x 26
Armature à forces équilibrées
Boîtier métallique hermétique protégé anti-corrosion
Non chevauchement des contacts
CARACTERISTIQUES ELECTRIQUES DES CONTACTS
Durée de vie minimale
Tension aux bornes du contact
56 Vcc
100 000 cycles
20 000 cycles
Pouvoir de commutation en Ampères
sur charge résistive
sur charge inductive (L/R=5ms)
10
6
50 cycles
surcharge résistive
40
400 000 cycles
sous 25% de la charge nominale résistive
LEACH ® INTERNATIONAL
Solutions for Power Switching and Control
www.leachintl.com
North America
6900 Orangethorpe Ave.
P.O. Box 5032
Buena Park, CA 90622 USA
Tel: (01) 714-736-7599
Fax: (01) 714-670-1145
Europe, SA
2 Rue Goethe
57430 Sarralbe
France
Tel: (33) 3 87 97 98 97
Fax: (33) 3 87 97 84 04
Asia-Pacific Ltd.
20/F Shing Hing Commercial Bldg.
21-27 Wing Kut Street
Central, Hong Kong
Tel: (852) 2 191 2886
Fax: (852) 2 389 5803
Date d'édition: 6/00
- 89 -
Page 1 / 4


Similar Part No. - FD400O2V

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FD400R07PE4R_B6 INFINEON-FD400R07PE4R_B6 Datasheet
839Kb / 10P
EconoPACK4 Modul mit Trench
2013-11-11 revision:3.0
FD400R12KE3 INFINEON-FD400R12KE3 Datasheet
497Kb / 9P
62mm C-Serien Modul mit Trench/Feldstop IGBT3 und Emitter Controlled High Efficiency Diode
2013-10-03 revision:3.0
logo
eupec GmbH
FD400R12KE3_B5 EUPEC-FD400R12KE3_B5 Datasheet
274Kb / 8P
62mm C-series module with trench/fieldstop IGBT3 and EmCon High Efficiency series diode
logo
Infineon Technologies A...
FD400R12KE3_B5 INFINEON-FD400R12KE3_B5 Datasheet
434Kb / 8P
62mm C-Serien Modul mit Trench/Feldstop IGBT3 und Emitter Controlled High Efficiency Reihendiode
2013-10-03 revision:2.0
logo
eupec GmbH
FD400R12KF4 EUPEC-FD400R12KF4 Datasheet
78Kb / 5P
Marketing Information
More results

Similar Description - FD400O2V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OA5612 ETC-OA5612 Datasheet
432Kb / 6P
Relais de SECURITE
OW5691 ETC-OW5691 Datasheet
99Kb / 4P
Relais miniature de puissance
logo
ZETTLER Electronics
AZ696 ZETTLER-AZ696 Datasheet
981Kb / 4P
Relais
logo
FCI connector
10085176 FCI-CONNECTOR-10085176 Datasheet
354Kb / 6P
SMT DOUBLE ROW VCC ASEEMBLY
logo
celduc-relais
SCB945600 CELDUC-SCB945600 Datasheet
129Kb / 3P
Relais Statique Double Double Solid State Relay
SCM0150100 CELDUC-SCM0150100 Datasheet
345Kb / 5P
RELAIS STATIQUE A MOSFET POUR COURANT CONTINU
SDI0501700 CELDUC-SDI0501700 Datasheet
1,002Kb / 11P
RELAIS STATIQUE A IGBT POUR COURANT CONTINU
SDI0501710 CELDUC-SDI0501710 Datasheet
1,002Kb / 11P
RELAIS STATIQUE A IGBT POUR COURANT CONTINU
logo
PHOENIX CONTACT
2988735 PHOENIX-2988735 Datasheet
89Kb / 3P
VISU 2 RT-D 1024
logo
celduc-relais
XKLD31006 CELDUC-XKLD31006 Datasheet
414Kb / 5P
RELAIS STATIQUE A MOSFET POUR COURANT CONTINU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com