Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD400O2V Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FD400O2V
Description  RELAIS HERMETIQUE 2 RT DOUBLE COUPURE 10 A/56 Vcc
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FD400O2V Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FD400O2V Datasheet HTML 1Page - List of Unclassifed Manufacturers FD400O2V Datasheet HTML 2Page - List of Unclassifed Manufacturers FD400O2V Datasheet HTML 3Page - List of Unclassifed Manufacturers FD400O2V Datasheet HTML 4Page - List of Unclassifed Manufacturers FD400O2V Datasheet HTML 5Page - List of Unclassifed Manufacturers FD400O2V Datasheet HTML 6Page - List of Unclassifed Manufacturers FD400O2V Datasheet HTML 7Page - List of Unclassifed Manufacturers FD400O2V Datasheet HTML 8Page - List of Unclassifed Manufacturers FD400O2V Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Note d'application
N°001
CORRECTION LIEE A LA VARIATION DE LA RESISTANCE
DU CUIVRE EN FONCTION DE LA TEMPERATURE
Exemple: Le catalogue donne une résistance à 25°C de 935 ohms. Quelle valeur à 125°C?
Le coefficient correcteur sur I'abaque est de 1,39 à 125°C. R devient: 935x1.39=1299 Ohms
La correction s'applique à la résistance bobine ainsi qu'aux tensions de fonctionnement
Date d'édition: 6/00
- 1 -
Page 1 / 1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com