Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F310 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 27Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 28Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 29Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 30Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 31Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 32Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 33Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 34Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 224 page
background image
Rev. 1.6
31
C8051F310/1/2/3/4/5/6/7
1.4.
Programmable Digital I/O and Crossbar
C8051F310/2/4 devices include 29 I/O pins (three byte-wide Ports and one 5-bit-wide Port);
C8051F311/3/5 devices include 25 I/O pins (three byte-wide Ports and one 1-bit-wide Port); C8051F316/7
devices include 21 I/O pins (one byte-wide Port, two 6-bit-wide Ports and one 1-bit-wide Port). The
C8051F31x Ports behave like typical 8051 Ports with a few enhancements. Each Port pin may be config-
ured as an analog input or a digital I/O pin. Pins selected as digital I/Os may additionally be configured for
push-pull or open-drain output. The “weak pullups” that are fixed on typical 8051 devices may be globally
disabled, providing power savings capabilities.
The Digital Crossbar allows mapping of internal digital system resources to Port I/O pins (See Figure 1.13).
On-chip counter/timers, serial buses, HW interrupts, comparator output, and other digital signals in the
controller can be configured to appear on the Port I/O pins specified in the Crossbar Control registers. This
allows the user to select the exact mix of general purpose Port I/O and digital resources needed for the
particular application.
Figure 1.13. Digital Crossbar Diagram
XBR0, XBR1,
PnSKIP Registers
Digital
Crossbar
Priority
Decoder
2
P0.0
P0.7
PnMDOUT,
PnMDIN Registers
UART
Highest
Priority
Lowest
Priority
SYSCLK
2
SMBus
T0, T1
2
6
PCA
CP1
Outputs
2
4
SPI
CP0
Outputs
2
P1.0
P1.7
P2.0
P2.7
P3.0
P3.4
P0
(P0.0-P0.7)
(P1.0-P1.7)
(P2.0-P2.3)
(P2.4-P2.7)
8
8
4
4
P1
P2
Notes:
1. P3.1–P3.4 only available on the
C8051F310/2/4.
2. P1.6, P1.7, P2.6, P2.7 only
available on the C8051F310/1/2/3/4/5
(P3.0-P3.4)
5
P3
5
P2
I/O
Cells
P3
I/O
Cells
P1
I/O
Cells
P0
I/O
Cells
8
8
8
4
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com