Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F310 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 45Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 46Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 47Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 48Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 49Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 50Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 51Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 52Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 224 page
background image
Rev. 1.6
49
C8051F310/1/2/3/4/5/6/7
5.
10-Bit ADC (ADC0, C8051F310/1/2/3/6 only)
The ADC0 subsystem for the C8051F310/1/2/3/6 consists of two analog multiplexers (referred to collec-
tively as AMUX0) with 25 total input selections, and a 200 ksps, 10-bit successive-approximation-register
ADC with integrated track-and-hold and programmable window detector. The AMUX0, data conversion
modes, and window detector are all configurable under software control via the Special Function Registers
shown in Figure 5.1. ADC0 operates in both Single-ended and Differential modes, and may be configured
to measure P1.0-P3.4, the Temperature Sensor output, or VDD with respect to P1.0-P3.4, VREF, or GND.
The ADC0 subsystem is enabled only when the AD0EN bit in the ADC0 Control register (ADC0CN) is set
to logic 1. The ADC0 subsystem is in low power shutdown when this bit is logic 0.
Figure 5.1. ADC0 Functional Block Diagram
5.1.
Analog Multiplexer
AMUX0 selects the positive and negative inputs to the ADC. Any of the following may be selected as the
positive input: P1.0-P3.4, the on-chip temperature sensor, or the positive power supply (VDD). Any of the
following may be selected as the negative input: P1.0-P3.4, VREF, or GND. When GND is selected as
the negative input, ADC0 operates in Single-ended Mode; all other times, ADC0 operates in Differ-
ential Mode. The ADC0 input channels are selected in the AMX0P and AMX0N registers as described in
SFR Definition 5.1 and SFR Definition 5.2.
The conversion code format differs between Single-ended and Differential modes. The registers ADC0H
and ADC0L contain the high and low bytes of the output conversion code from the ADC at the completion
of each conversion. Data can be right-justified or left-justified, depending on the setting of the AD0LJST bit
(ADC0CN.0). When in Single-ended Mode, conversion codes are represented as 10-bit unsigned integers.
ADC0CF
10-Bit
SAR
ADC
32
ADC0CN
Timer 0 Overflow
Timer 2 Overflow
Timer 1 Overflow
Start
Conversion
000
AD0BUSY (W)
VDD
ADC0LTH
23-to-1
AMUX
AD0WINT
Temp
Sensor
23-to-1
AMUX
VDD
P1.0
P1.7
001
010
011
100
CNVSTR Input
Window
Compare
Logic
P2.0
P2.7
GND
P1.0
P1.7
P2.0
P2.7
P3.0
P3.4
101
Timer 3 Overflow
ADC0LTL
ADC0GTH ADC0GTL
AMX0P
AMX0N
P3.0
P3.4
P3.1-3.4
available on
C8051F310/2
P3.1-3.4
available on
C8051F310/2
(+)
(-)
VREF
P2.6-2.7 available on
C8051F310/1/2/3/4/5
P1.6-1.7 available on
C8051F310/1/2/3/4/5
P2.6-2.7 available on
C8051F310/1/2/3/4/5
P1.6-1.7 available on
C8051F310/1/2/3/4/5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com