Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F310 Datasheet(PDF) 87 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 87 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 83Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 84Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 85Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 86Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 87Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 88Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 89Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 90Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 91Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 224 page
background image
Rev. 1.6
87
C8051F310/1/2/3/4/5/6/7
P2SKIP
0xD6
Port 2 Skip
137
P3
0xB0
Port 3 Latch
138
P3MDIN
0xF4
Port 3 Input Mode Configuration
138
P3MDOUT
0xA7
Port 3 Output Mode Configuration
139
PCA0CN
0xD8
PCA Control
211
PCA0CPH0
0xFC
PCA Capture 0 High
215
PCA0CPH1
0xEA
PCA Capture 1 High
215
PCA0CPH2
0xEC
PCA Capture 2 High
215
PCA0CPH3
0xEE
PCA Capture 3High
215
PCA0CPH4
0xFE
PCA Capture 4 High
215
PCA0CPL0
0xFB
PCA Capture 0 Low
214
PCA0CPL1
0xE9
PCA Capture 1 Low
214
PCA0CPL2
0xEB
PCA Capture 2 Low
214
PCA0CPL3
0xED
PCA Capture 3Low
214
PCA0CPL4
0xFD
PCA Capture 4 Low
214
PCA0CPM0
0xDA
PCA Module 0 Mode
213
PCA0CPM1
0xDB
PCA Module 1 Mode
213
PCA0CPM2
0xDC
PCA Module 2 Mode
213
PCA0CPM3
0xDD
PCA Module 3 Mode
213
PCA0CPM4
0xDE
PCA Module 4 Mode
213
PCA0H
0xFA
PCA Counter High
214
PCA0L
0xF9
PCA Counter Low
214
PCA0MD
0xD9
PCA Mode
212
PCON
0x87
Power Control
101
PSCTL
0x8F
Program Store R/W Control
113
PSW
0xD0
Program Status Word
90
REF0CN
0xD1
Voltage Reference Control
66
RSTSRC
0xEF
Reset Source Configuration/Status
107
SBUF0
0x99
UART0 Data Buffer
165
SCON0
0x98
UART0 Control
164
SMB0CF
0xC1
SMBus Configuration
148
SMB0CN
0xC0
SMBus Control
150
SMB0DAT
0xC2
SMBus Data
152
SP
0x81
Stack Pointer
89
SPI0CFG
0xA1
SPI Configuration
176
SPI0CKR
0xA2
SPI Clock Rate Control
178
SPI0CN
0xF8
SPI Control
177
SPI0DAT
0xA3
SPI Data
178
TCON
0x88
Timer/Counter Control
187
TH0
0x8C
Timer/Counter 0 High
190
TH1
0x8D
Timer/Counter 1 High
190
TL0
0x8A
Timer/Counter 0 Low
190
TL1
0x8B
Timer/Counter 1 Low
190
TMOD
0x89
Timer/Counter Mode
188
TMR2CN
0xC8
Timer/Counter 2 Control
193
TMR2H
0xCD
Timer/Counter 2 High
194
Table 8.3. Special Function Registers (Continued)
Register
Address
Description
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com