Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F310 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 29Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 30Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 31Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 32Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 33Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 34Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 35Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 36Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 224 page
background image
Rev. 1.6
33
C8051F310/1/2/3/4/5/6/7
1.7.
10-Bit Analog to Digital Converter
The C8051F310/1/2/3/6 devices include an on-chip 10-bit SAR ADC with a 25-channel differential input
multiplexer. With a maximum throughput of 200 ksps, the ADC offers true 10-bit accuracy with an INL of
±1LSB. The ADC system includes a configurable analog multiplexer that selects both positive and nega-
tive ADC inputs. Ports1-3 are available as an ADC inputs; additionally, the on-chip Temperature Sensor
output and the power supply voltage (VDD) are available as ADC inputs. User firmware may shut down the
ADC to save power.
Conversions can be started in six ways: a software command, an overflow of Timer 0, 1, 2, or 3, or an
external convert start signal. This flexibility allows the start of conversion to be triggered by software
events, a periodic signal (timer overflows), or external HW signals. Conversion completions are indicated
by a status bit and an interrupt (if enabled). The resulting 10-bit data word is latched into the ADC data
SFRs upon completion of a conversion.
Window compare registers for the ADC data can be configured to interrupt the controller when ADC data is
either within or outside of a specified range. The ADC can monitor a key voltage continuously in back-
ground mode, but not interrupt the controller unless the converted data is within/outside the specified
range.
Figure 1.15. 10-Bit ADC Block Diagram
10-Bit
SAR
ADC
Timer 1 Overflow
CNVSTR Input
Timer 3 Overflow
(+)
(-)
Configuration, Control, and Data Registers
23-to-1
AMUX
Temp
Sensor
23-to-1
AMUX
VDD
P1.0
P1.7
P2.0
P2.7
GND
P1.0
P1.7
P2.0
P2.7
P3.0
P3.4
P3.0
P3.4
P3.1-3.4
available on
C8051F310/2
P3.1-3.4
available on
C8051F310/2
Analog Multiplexer
Timer 0 Overflow
Timer 2 Overflow
Start
Conversion
000
AD0BUSY (W)
001
010
011
100
101
16
Window Compare
Logic
Window
Compare
Interrupt
ADC Data
Registers
End of
Conversion
Interrupt
P1.6, P1.7 available on
C8051F310/1/2/3/4/5
P2.6, P2.7 available on
C8051F310/1/2/3/4/5
P1.6, P1.7 available on
C8051F310/1/2/3/4/5
P2.6, P2.7 available on
C8051F310/1/2/3/4/5
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com