Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F310 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 32Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 33Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 34Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 35Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 36Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 37Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 38Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 39Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 224 page
background image
C8051F310/1/2/3/4/5/6/7
36
Rev. 1.6
3.
Global DC Electrical Characteristics
Other electrical characteristics tables are found in the data sheet section corresponding to the associated
peripherals. For more information on electrical characteristics for a specific peripheral, refer to the page
indicated in Table 3.2.
Table 3.1. Global DC Electrical Characteristics
–40°C to +85°C, 25 MHz System Clock unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Digital Supply Voltage
VRST
1
3.0
3.6
V
Digital Supply Current with CPU
active
VDD = 2.7 V, Clock = 25 MHz
VDD = 2.7 V, Clock = 1 MHz
VDD = 2.7 V, Clock = 32 kHz
—6.4
0.36
9
—mA
mA
µA
Digital Supply Current with CPU
inactive (not accessing Flash)
VDD = 2.7 V, Clock = 25 MHz
VDD = 2.7 V, Clock = 1 MHz
VDD = 2.7 V, Clock = 32 kHz
—3.2
180
5.5
—mA
µA
µA
Digital Supply Current (shutdown)
Oscillator not running
—
< 0.1
—
µA
Digital Supply RAM Data Retention
Voltage
—1.5
—
V
Specified Operating Temperature
Range
–40
—
+85
°C
SYSCLK (system clock frequency)
02
—25
MHz
Tsysl (SYSCLK low time)
18
—
—
ns
Tsysh (SYSCLK high time)
18
—
—
ns
Notes:
1.
Given in Table 9.1 on page 108.
2.
SYSCLK must be at least 32 kHz to enable debugging.
Table 3.2. Electrical Characteristics Quick Reference
Peripheral Electrical Characteristics
Page No.
ADC0 Electrical Characteristics
63
External Voltage Reference Circuit Electrical Characteristics
66
Comparator Electrical Characteristics
76
Reset Electrical Characteristics
108
Flash Electrical Characteristics
110
Internal Oscillator Electrical Characteristics
119
Port I/O DC Electrical Characteristics
139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com