Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F310 Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 61Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 62Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 63Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 64Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 65Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 66Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 67Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 68Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 69Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 224 page
background image
Rev. 1.6
65
C8051F310/1/2/3/4/5/6/7
6.
Voltage Reference (C8051F310/1/2/3/6 only)
The voltage reference MUX on C8051F310/1/2/3/6 devices is configurable to use an externally connected
voltage reference, or the power supply voltage (see Figure 6.1). The REFSL bit in the Reference Control
register (REF0CN) selects the reference source. For an external source, REFSL should be set to ‘0’; For
VDD as the reference source, REFSL should be set to ‘1’.
The BIASE bit enables the internal voltage bias generator, which is used by the ADC, Temperature Sensor,
and Internal Oscillator. This bit is forced to logic 1 when any of the aforementioned peripherals is enabled.
The bias generator may be enabled manually by writing a ‘1’ to the BIASE bit in register REF0CN; see
SFR Definition 6.1 for REF0CN register details. The electrical specifications for the voltage reference cir-
cuit are given in Table 6.1.
Important Note About the VREF Input: Port pin P0.0 is used as the external VREF input. When using an
external voltage reference, P0.0 should be configured as analog input and skipped by the Digital Crossbar.
To configure P0.0 as analog input, set to ‘0’ Bit0 in register P0MDIN. To configure the Crossbar to skip
P0.0, set to ‘1’ Bit0 in register P0SKIP. Refer to Section “13. Port Input/Output” on page 125 for com-
plete Port I/O configuration details.
The temperature sensor connects to the highest order input of the ADC0 positive input multiplexer (see
Section “5.1. Analog Multiplexer” on page 49 for details). The TEMPE bit in register REF0CN
enables/disables the temperature sensor. While disabled, the temperature sensor defaults to a high imped-
ance state and any ADC0 measurements performed on the sensor result in meaningless data.
Figure 6.1. Voltage Reference Functional Block Diagram
Internal
VREF
(to ADC)
To Analog Mux
VDD
VREF
R1
VDD
External
Voltage
Reference
Circuit
GND
REF0CN
Temp Sensor
EN
Bias Generator
To ADC, Internal
Oscillator
EN
IOSCEN
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com