Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F310 Datasheet(PDF) 76 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 76 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 72Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 73Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 74Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 75Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 76Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 77Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 78Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 79Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 80Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 224 page
background image
C8051F310/1/2/3/4/5/6/7
76
Rev. 1.6
Table 7.1. Comparator Electrical Characteristics
VDD = 3.0 V, –40 to +85 °C unless otherwise noted.
All specifications apply to both Comparator0 and Comparator1 unless otherwise noted.
Parameter
Conditions
Min
Typ
Max
Units
Response Time:
Mode 0, Vcm1 = 1.5 V
CP0+ – CP0– = 100 mV
—
100
—
ns
CP0+ – CP0– = –100 mV
—
250
—
ns
Response Time:
Mode 1, Vcm1 = 1.5 V
CP0+ – CP0– = 100 mV
—
175
—
ns
CP0+ – CP0– = –100 mV
—
500
—
ns
Response Time:
Mode 2, Vcm1 = 1.5 V
CP0+ – CP0– = 100 mV
—
320
—
ns
CP0+ – CP0– = –100 mV
—
1100
—
ns
Response Time:
Mode 3, Vcm1 = 1.5 V
CP0+ – CP0– = 100 mV
—
1050
—
ns
CP0+ – CP0– = –100 mV
—
5200
—
ns
Common-Mode Rejection Ratio
—1.5
4
mV/V
Positive Hysteresis 1
CP0HYP1-0 = 00
—
0
1
mV
Positive Hysteresis 2
CP0HYP1-0 = 01
2
5
7
mV
Positive Hysteresis 3
CP0HYP1-0 = 10
5
10
13
mV
Positive Hysteresis 4
CP0HYP1-0 = 11
12
20
25
mV
Negative Hysteresis 1
CP0HYN1-0 = 00
0
1
mV
Negative Hysteresis 2
CP0HYN1-0 = 01
2
5
7
mV
Negative Hysteresis 3
CP0HYN1-0 = 10
5
10
13
mV
Negative Hysteresis 4
CP0HYN1-0 = 11
12
20
25
mV
Inverting or Non-Inverting Input
Voltage Range
–0.25
—
VDD +
0.25
V
Input Capacitance
—7—
pF
Input Bias Current
—1—
nA
Input Offset Voltage
–5
—
+5
mV
Power Supply
Power Supply Rejection2
—0.1
1
mV/V
Power-up Time
—10—
µs
Supply Current at DC
Mode 0
—
7.6
20
µA
Mode 1
—
3.2
10
µA
Mode 2
—
1.3
5
µA
Mode 3
—
0.4
2.5
µA
Notes:
1. Vcm is the common-mode voltage on CP0+ and CP0–.
2. Guaranteed by design and/or characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com