Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F310 Datasheet(PDF) 56 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 56 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 52Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 53Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 54Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 55Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 56Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 57Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 58Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 59Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 60Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 224 page
background image
C8051F310/1/2/3/4/5/6/7
56
Rev. 1.6
SFR Definition 5.2. AMX0N: AMUX0 Negative Channel Select
Bits7–5: UNUSED. Read = 000b; Write = don’t care.
Bits4–0: AMX0N4–0: AMUX0 Negative Input Selection.
Note that when GND is selected as the Negative Input, ADC0 operates in Single-ended
mode. For all other Negative Input selections, ADC0 operates in Differential mode.
R
R
R
R/W
R/W
R/W
R/W
R/W
Reset Value
-
-
-
AMX0N4
AMX0N3
AMX0N2
AMX0N1
AMX0N0
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
0xBA
AMX0N4–0
ADC0 Negative Input
00000
P1.0
00001
P1.1
00010
P1.2
00011
P1.3
00100
P1.4
00101
P1.5
00110
P1.6(1)
00111
P1.7(1)
01000
P2.0
01001
P2.1
01010
P2.2
01011
P2.3
01100
P2.4
01101
P2.5
01110
P2.6(1)
01111
P2.7(1)
10000
P3.0
10001(2)
P3.1(2)
10010(2)
P3.2(2)
10011(2)
P3.3(2)
10100(2)
P3.4(2)
10101–11101
RESERVED
11110
VREF
11111
GND (ADC in Single-Ended Mode)
Notes:
1. Only applies to C8051F310/1/2/3/4/5; selection
RESERVED on C8051F316/7 devices.
2. Only applies to C8051F310/2; selection RESERVED on
C8051F311/3/6/7 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com