Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89C60X2BA/00 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # P89C60X2BA/00
Description  80C51 8-bit Flash microcontroller family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C60X2BA/00 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button P89C60X2BA/00 Datasheet HTML 33Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 34Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 35Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 36Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 37Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 38Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 39Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 40Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
Philips Semiconductors
Product data
P89C60X2/61X2
80C51 8-bit Flash microcontroller family
64KB Flash, 512B/1024B RAM
2003 Sep 11
37
SCON Address = 98H
Reset Value = 0000 0000B
SM0/FE
SM1
SM2
REN
TB8
RB8
Tl
Rl
Bit Addressable
(SMOD0 = 0/1)*
Symbol
Position
Function
FE
SCON.7
Framing Error bit. This bit is set by the receiver when an invalid stop bit is detected. The FE bit is not
cleared by valid frames but should be cleared by software. The SMOD0 bit must be set to enable
access to the FE bit.*
SM0
SCON.7
Serial Port Mode Bit 0, (SMOD0 must = 0 to access bit SM0)
SM1
SCON.6
Serial Port Mode Bit 1
SM2
SCON.5
Enables the Automatic Address Recognition feature in Modes 2 or 3. If SM2 = 1 then Rl will not be set
unless the received 9th data bit (RB8) is 1, indicating an address, and the received byte is a Given or
Broadcast Address. In Mode 1, if SM2 = 1 then Rl will not be activated unless a valid stop bit was
received, and the received byte is a Given or Broadcast Address. In Mode 0, SM2 should be 0.
REN
SCON.4
Enables serial reception. Set by software to enable reception. Clear by software to disable reception.
TB8
SCON.3
The 9th data bit that will be transmitted in Modes 2 and 3. Set or clear by software as desired.
RB8
SCON.2
In modes 2 and 3, the 9th data bit that was received. In Mode 1, if SM2 = 0, RB8 is the stop bit that
was received.
In Mode 0, RB8 is not used.
Tl
SCON.1
Transmit interrupt flag. Set by hardware at the end of the 8th bit time in Mode 0, or at the beginning of
the stop bit in the other modes, in any serial transmission. Must be cleared by software.
Rl
SCON.0
Receive interrupt flag. Set by hardware at the end of the 8th bit time in Mode 0, or halfway through the
stop bit time in the other modes, in any serial reception (except see SM2). Must be cleared by
software.
NOTES:
*SMOD0 is located at PCON.6.
**fOSC = oscillator frequency
SU01628
7654
321
0
SM0
SM1
Mode
Description
Baud Rate**
0
0
0
shift register
fOSC/12 (12-clk mode) or fOSC/6 (6-clk mode)
0
1
1
8-bit UART
variable
1
0
2
9-bit UART
fOSC/64 or fOSC/32 or fOSC/16 (6-clock mode) or
fOSC/32 (12-clock mode)
1
1
3
9-bit UART
variable
Figure 20. SCON: Serial Port Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com