Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89C60X2BA/00 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # P89C60X2BA/00
Description  80C51 8-bit Flash microcontroller family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C60X2BA/00 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button P89C60X2BA/00 Datasheet HTML 13Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 14Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 15Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 16Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 17Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 18Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 19Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 20Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
Philips Semiconductors
Product data
P89C60X2/61X2
80C51 8-bit Flash microcontroller family
64KB Flash, 512B/1024B RAM
2003 Sep 11
17
RECORD TYPE
COMMAND/DATA FUNCTION
05
Miscellaneous Read Functions
General Format of Function 05
:02xxxx05ffsscc
Where:
02
=
number of bytes (hex) in record
xxxx
=
required field, but value is a “don’t care”
05
=
“Miscellaneous Read” function code
ffss
=
subfunction and selection code
0000 = read signature byte – manufacturer id (15H)
0001 = read signature byte – device id # 1
(C2H)
0002 = read signature byte – device id # 2
P89C60X2 = EFh
P89C61X2 = F0h
0003 = read FX2 bit
0080 = read ROM code revision
0700 = read security bits
0701 = read status byte
cc
= checksum
Example 1:
:020000050001F8
read signature byte – device id # 1
Example 2:
:020000050003F6
read FX2 bit (bit 7 = 0 represents 12-clk mode, bit 7 = 1
represents 6-clk mode)
Example 3:
:02000005008079
read ROM code revision (0A: Rev. A; 0B: Rev. B, etc.)
06
Direct Load of Baud Rate
General Format of Function 06
:02xxxx06hhllcc
Where:
02
=
number of bytes (hex) in record
xxxx
=
required field, but value is a “don’t care”
06
=
”Direct Load of Baud Rate” function code
hh
=
high byte of Timer 2
ll
=
low byte of Timer 2
cc
=
checksum
Example:
:02000006F500F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com