Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89C60X2BA/00 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # P89C60X2BA/00
Description  80C51 8-bit Flash microcontroller family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C60X2BA/00 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button P89C60X2BA/00 Datasheet HTML 9Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 10Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 11Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 12Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 13Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 14Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 15Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 16Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
Philips Semiconductors
Product data
P89C60X2/61X2
80C51 8-bit Flash microcontroller family
64KB Flash, 512B/1024B RAM
2003 Sep 11
13
Table 1.
CLOCK MODE CONFIG BIT (FX2)
X2 bit in CKCON
DESCRIPTION
erased
0
12-clock mode (default)
erased
1
6-clock mode
programmed
x
6-clock mode
NOTE:
1. Default clock mode after ChipErase is set to 12-clock.
FFFF
C000
8000
4000
2000
0000
PROGRAM
ADDRESS
BOOT ROM
(1 kB)
SU01673
P89C60X2
P89C61X2
BLOCK 1
BLOCK 0
BLOCK 3
BLOCK 2
BLOCK 5
BLOCK 4
BLOCK 7
BLOCK 6
BLOCK 9
BLOCK 8
BLOCK 11
BLOCK 10
BLOCK 13
BLOCK 12
BLOCK 15
BLOCK 14
Each block is
4 kbytes in size
Figure 1. Flash Memory Configuration
Power-On Reset Code Execution
The P89C60X2/61X2 contains a special Flash register, the STATUS
BYTE. At the falling edge of reset, the P89C60X2/61X2 examines
the contents of the Status Byte. If the Status Byte is set to zero,
power-up execution starts at location 0000H, which is the normal
start address of the user’s application code. When the Status Byte is
set to a value other than zero, the factory masked-ROM ISP boot
loader is invoked. The factory default for the Status Byte is FFh.
Once set to 00h, the Status Byte can only be changed back to FFh
by a full-chip erase operation when using ISP.
Hardware Activation of the Boot Loader
The boot loader can also be executed by holding PSEN LOW,
EA greater than VIH (such as +5 V), and ALE HIGH (or not connected)
at the falling edge of RESET. This is the same effect as having a
non-zero status byte. This allows an application to be built that will
normally execute the end user’s code but can be manually forced
into ISP operation.
After programming the Flash, the status byte should be programmed
to zero in order to allow execution of the user’s application code
beginning at address 0000H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com