Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89C60X2BA/00 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # P89C60X2BA/00
Description  80C51 8-bit Flash microcontroller family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C60X2BA/00 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button P89C60X2BA/00 Datasheet HTML 44Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 45Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 46Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 47Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 48Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 49Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 50Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 51Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
Philips Semiconductors
Product data
P89C60X2/61X2
80C51 8-bit Flash microcontroller family
64KB Flash, 512B/1024B RAM
2003 Sep 11
48
AC ELECTRICAL CHARACTERISTICS (6-CLOCK MODE)
Tamb = 0 °C to +70 °C; VCC = 5 V ± 10%, VSS = 0 V1, 2, 3
SYMBOL
FIGURE
PARAMETER
VARIABLE CLOCK4
20 MHz CLOCK4
MIN
MAX
MIN
MAX
UNIT
1/tCLCL
35
Oscillator frequency
0
20
MHz
tLHLL
31
ALE pulse width
tCLCL–40
10
ns
tAVLL
31
Address valid to ALE low
0.5tCLCL–20
5
ns
tLLAX
31
Address hold after ALE low
0.5tCLCL–20
5
ns
tLLIV
31
ALE low to valid instruction in
2tCLCL–65
35
ns
tLLPL
31
ALE low to PSEN low
0.5tCLCL–20
5
ns
tPLPH
31
PSEN pulse width
1.5tCLCL–45
30
ns
tPLIV
31
PSEN low to valid instruction in
1.5tCLCL–60
15
ns
tPXIX
31
Input instruction hold after PSEN
0
0
ns
tPXIZ
31
Input instruction float after PSEN
0.5tCLCL–20
5
ns
tAVIV
31
Address to valid instruction in
2.5tCLCL–80
45
ns
tPLAZ
31
PSEN low to address float
10
10
ns
Data Memory
tRLRH
32
RD pulse width
3tCLCL–100
50
ns
tWLWH
33
WR pulse width
3tCLCL–100
50
ns
tRLDV
32
RD low to valid data in
2.5tCLCL–90
35
ns
tRHDX
32
Data hold after RD
0
0
ns
tRHDZ
32
Data float after RD
tCLCL–20
5
ns
tLLDV
32
ALE low to valid data in
4tCLCL–150
50
ns
tAVDV
32
Address to valid data in
4.5tCLCL–165
60
ns
tLLWL
32, 33
ALE low to RD or WR low
1.5tCLCL–50
1.5tCLCL+50
25
125
ns
tAVWL
32, 33
Address valid to WR low or RD low
2tCLCL–75
25
ns
tQVWX
33
Data valid to WR transition
0.5tCLCL–25
0
ns
tWHQX
33
Data hold after WR
0.5tCLCL–20
5
ns
tQVWH
33
Data valid to WR high
3.5tCLCL–130
45
ns
tRLAZ
32
RD low to address float
0
0
ns
tWHLH
32, 33
RD or WR high to ALE high
0.5tCLCL–20
0.5tCLCL+20
5
45
ns
External Clock
tCHCX
35
High time
20
tCLCL–tCLCX
ns
tCLCX
35
Low time
20
tCLCL–tCHCX
ns
tCLCH
35
Rise time
5
ns
tCHCL
35
Fall time
5
ns
Shift Register
tXLXL
34
Serial port clock cycle time
6tCLCL
300
ns
tQVXH
34
Output data setup to clock rising edge
5tCLCL–133
117
ns
tXHQX
34
Output data hold after clock rising edge
tCLCL–30
20
ns
tXHDX
34
Input data hold after clock rising edge
0
0
ns
tXHDV
34
Clock rising edge to input data valid
5tCLCL–133
117
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified.
2. Load capacitance for port 0, ALE, and PSEN = 100 pF, load capacitance for all other outputs = 80 pF.
3. Interfacing the microcontroller to devices with float times up to 45 ns is permitted. This limited bus contention will not cause damage to
Port 0 drivers.
4. Parts are tested to 2 MHz, but are guaranteed to operate down to 0 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com