Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89C60X2BA/00 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # P89C60X2BA/00
Description  80C51 8-bit Flash microcontroller family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C60X2BA/00 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button P89C60X2BA/00 Datasheet HTML 8Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 9Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 10Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 11Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 12Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 13Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 14Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 15Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
Philips Semiconductors
Product data
P89C60X2/61X2
80C51 8-bit Flash microcontroller family
64KB Flash, 512B/1024B RAM
2003 Sep 11
12
FLASH EPROM MEMORY
GENERAL DESCRIPTION
The P89C60X2/61X2 Flash memory augments EPROM functionality
with in-circuit electrical erasure and programming. The Flash can be
read and written as bytes. The Chip Erase operation will erase the
entire program memory. The Block Erase function can erase any
Flash block. In-system programming (ISP) and standard parallel
programming are both available. On-chip erase and write timing
generation contribute to a user friendly programming interface.
The P89C60X2/61X2 Flash reliably stores memory contents even
after 10,000 erase and program cycles. The cell is designed to
optimize the erase and programming mechanisms. In addition, the
combination of advanced tunnel oxide processing and low internal
electric fields for erase and programming operations produces
reliable cycling. The P89C60X2/61X2 uses a +5 V VPP supply to
perform the Program/Erase algorithms (12 V tolerant).
FEATURES
• Flash EPROM internal program memory with Block Erase.
• Internal 1-kbyte fixed BootROM, containing low-level in-system
programming routines and a default serial loader.
• Loader in BootROM allows in-system programming via the serial
port.
• Up to 64 kbytes external program memory if the internal program
memory is disabled (EA = 0).
• Programming and erase voltage +5 V (+12 V tolerant).
• Read/Programming/Erase using ISP:
– Byte Programming (8
ms).
– Typical erase times:
Block Erase (4 kbytes) in 3 seconds.
Full-chip erase in 15 seconds.
• Parallel programming with 87C51 compatible hardware interface
to programmer.
• Programmable security for the code in the Flash.
• 10,000 minimum erase/program cycles for each byte.
• 10-year minimum data retention.
FLASH PROGRAMMING AND ERASURE
There are two methods of erasing or programming of the Flash
memory that may be used. First, the on-chip ISP boot loader may be
invoked. Second, the Flash may be programmed or erased using
parallel method by using a commercially available EPROM
programmer. The parallel programming method used by these
devices is similar to that used by EPROM 87C51, but it is not
identical, and the commercially available programmer will need to
have support for these devices.
FLASH MEMORY CHARACTERISTICS
Flash User Code Memory Organization
The P89C60X2/61X2 contains 64 kbytes Flash user code program
memory organized into 4-kbyte blocks (see Figure 1).
Boot ROM
When the microcontroller programs its Flash memory during ISP, all
of the low level details are handled by code that is contained in a
1 kbyte BootROM. BootROM operations include: erase block,
program byte, verify byte, program security bit, etc.
Clock Mode
The clock mode feature sets operating frequency to be 1/12 or 1/6 of
the oscillator frequency. The clock mode configuration bit, FX2, is
located in the Security Block (See Table 1). FX2, when programmed,
will override the SFR clock mode bit (X2) in the CKCON register. If
FX2 is erased, then the SFR bit (X2) may be used to select between
6-clock and 12-clock mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com