Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89C60X2BA/00 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # P89C60X2BA/00
Description  80C51 8-bit Flash microcontroller family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C60X2BA/00 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button P89C60X2BA/00 Datasheet HTML 4Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 5Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 6Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 7Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 8Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 9Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 10Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 11Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
Philips Semiconductors
Product data
P89C60X2/61X2
80C51 8-bit Flash microcontroller family
64KB Flash, 512B/1024B RAM
2003 Sep 11
8
PIN DESCRIPTIONS
PIN NUMBER
MNEMONIC
PLCC
DIP
LQFP
TYPE
NAME AND FUNCTION
VSS
22
20
16
I
Ground: 0 V reference.
VCC
44
40
38
I
Power Supply: This is the power supply voltage for normal, idle, and power-down
operation.
P0.0-0.7
43–36
39–32
37–30
I/O
Port 0: Port 0 is an open-drain, bidirectional I/O port. Port 0 pins that have 1s written to
them float and can be used as high-impedance inputs. Port 0 is also the multiplexed
low-order address and data bus during accesses to external program and data memory.
In this application, it uses strong internal pull-ups when emitting 1s. Port 0 also outputs
the code bytes during program verification and received code bytes during Flash
programming. External pull-ups are required during program verification.
P1.0–P1.7
2–9
1–8
40–44,
1–3
I/O
Port 1: Port 1 is an 8-bit bidirectional I/O port with internal pull-ups. Port 1 pins that have
1s written to them are pulled high by the internal pull-ups and can be used as inputs. As
inputs, port 1 pins that are externally pulled low will source current because of the
internal pull-ups. (See DC Electrical Characteristics: IIL). Port 1 also receives the
low-order address byte during program memory verification. Alternate functions for Port 1
include:
2
1
40
I/O
T2 (P1.0): Timer/Counter 2 external count input/clockout (see Programmable
Clock-Out)
3
2
41
I
T2EX (P1.1): Timer/Counter 2 Reload/Capture/Direction control
P2.0–P2.7
24–31
21–28
18–25
I/O
Port 2: Port 2 is an 8-bit bidirectional I/O port with internal pull-ups. Port 2 pins that have
1s written to them are pulled high by the internal pull-ups and can be used as inputs. As
inputs, port 2 pins that are externally being pulled low will source current because of the
internal pull-ups. (See DC Electrical Characteristics: IIL). Port 2 emits the high-order
address byte during fetches from external program memory and during accesses to
external data memory that use 16-bit addresses (MOVX @DPTR). In this application, it
uses strong internal pull-ups when emitting 1s. During accesses to external data memory
that use 8-bit addresses (MOV @Ri), port 2 emits the contents of the P2 special function
register. Some Port 2 pins receive the high order address bits during Flash programming
and verification.
P3.0–P3.7
11,
13–19
10–17
5,
7–13
I/O
Port 3: Port 3 is an 8-bit bidirectional I/O port with internal pull-ups. Port 3 pins that have
1s written to them are pulled high by the internal pull-ups and can be used as inputs. As
inputs, port 3 pins that are externally being pulled low will source current because of the
pull-ups. (See DC Electrical Characteristics: IIL). Port 3 also serves the special features
of the 80C51 family, as listed below:
11
10
5
I
RxD (P3.0): Serial input port
13
11
7
O
TxD (P3.1): Serial output port
14
12
8
I
INT0 (P3.2): External interrupt
15
13
9
I
INT1 (P3.3): External interrupt
16
14
10
I
T0 (P3.4): Timer 0 external input
17
15
11
I
T1 (P3.5): Timer 1 external input
18
16
12
O
WR (P3.6): External data memory write strobe
19
17
13
O
RD (P3.7): External data memory read strobe
RST
10
9
4
I
Reset: A high on this pin for two machine cycles while the oscillator is running, resets the
device. An internal diffused resistor to VSS permits a power-on reset using only an
external capacitor to VCC.
ALE/PROG
33
30
27
O
Address Latch Enable/Program Pulse: Output pulse for latching the low byte of the
address during an access to external memory. In normal operation, ALE is emitted at a
constant rate of 1/6 (12-clk) or 1/3 (6-clk Mode) the oscillator frequency, and can be used
for external timing or clocking. Note that one ALE pulse is skipped during each access to
external data memory. This pin is also the program pulse input (PROG) during Flash
programming. ALE can be disabled by setting SFR auxiliary.0. With this bit set, ALE will
be active only during a MOVX instruction.
PSEN
32
29
26
O
Program Store Enable: The read strobe to external program memory. When the device
is executing code from the external program memory, PSEN is activated twice each
machine cycle, except that two PSEN activations are skipped during each access to
external data memory. PSEN is not activated during fetches from internal program
memory.
EA/VPP
35
31
29
I
External Access Enable/Programming Supply Voltage: EA must be externally held low to enable the
device to fetch code from external program memory locations 0000H to FFFFH. If EA is held high, the device
executes from internal program memory. This pin also receives the 5 V / 12 V programming supply voltage
(VPP) during Flash programming. If security bit 1 is programmed, EA will be internally latched on Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com