Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89C60X2BA/00 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # P89C60X2BA/00
Description  80C51 8-bit Flash microcontroller family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C60X2BA/00 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button P89C60X2BA/00 Datasheet HTML 12Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 13Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 14Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 15Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 16Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 17Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 18Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 19Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
Philips Semiconductors
Product data
P89C60X2/61X2
80C51 8-bit Flash microcontroller family
64KB Flash, 512B/1024B RAM
2003 Sep 11
16
RECORD TYPE
COMMAND/DATA FUNCTION
03 (cont.)
Subfunction Code = 07 (Full Chip Erase)
Erases all blocks, security bits, and sets status byte to default values
ff = 07
ss = don’t care
dd = don’t care
Example:
:0100000307F5 full chip erase
Subfunction Code = 0C (Erase 4k blocks)
ff = 0C
ss = block code as shown below:
block 0, 0k ~ 4k, 00H
block 1, 4k ~ 8k, 10H
block 2, 8k ~ 12k, 20H
block 3, 12k ~ 16k, 30H
block 4, 16k ~ 20k, 40H
block 5, 20k ~ 24k, 50H
block 6, 24k ~ 28k, 60H
block 7, 28k ~ 32k, 70H
block 8, 32k ~ 36k, 80H
block 9, 36k ~ 40k, 90H
block 10, 40k ~ 44k, A0H
block 11, 44k ~ 48k, B0H
block 12, 48k ~ 52k, C0H
block 13, 52k ~ 56k, D0H
block 14, 56k ~ 60k, E0H
block 15, 60k ~ 64k, F0H
Example:
:020000030C20CF
erase 4k block 2
04
Display Device Data or Blank Check – Record type 04 causes the contents of the entire Flash array to be sent out
the serial port in a formatted display. This display consists of an address and the contents of 16 bytes starting with that
address. No display of the device contents will occur if security bit 2 has been programmed. Data to the serial port is
initiated by the reception of any character and terminated by the reception of any character.
General Format of Function 04
:05xxxx04sssseeeeffcc
Where:
05
= number of bytes (hex) in record
xxxx
= required field, but value is a “don’t care”
04
= “Display Device Data or Blank Check” function code
ssss
= starting address
eeee
= ending address
ff
= subfunction
00 = display data
01 = blank check
02 = display data in data block (valid addresses: 0001 ~ 0FFFH)
cc
= checksum
Example 1:
:0500000440004FFF0069
display 4000–4FFF
Example 2:
:0500000400000FFF02E7
display data in data block (the data at address 0000 is
invalid)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com