Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89C60X2BA/00 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # P89C60X2BA/00
Description  80C51 8-bit Flash microcontroller family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C60X2BA/00 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button P89C60X2BA/00 Datasheet HTML 11Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 12Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 13Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 14Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 15Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 16Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 17Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 18Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
Philips Semiconductors
Product data
P89C60X2/61X2
80C51 8-bit Flash microcontroller family
64KB Flash, 512B/1024B RAM
2003 Sep 11
15
Table 2. Intel-Hex Records Used by In-System Programming
RECORD TYPE
COMMAND/DATA FUNCTION
00
Program Data
:nnaaaa00dd....ddcc
Where:
nn
= number of bytes (hex) in record
aaaa
= memory address of first byte in record
dd....dd
= data bytes
cc
= checksum
Example:
:10008000AF5F67F0602703E0322CFA92007780C3FD
01
End of File (EOF), no operation
:xxxxxx01cc
Where:
xxxxxx
= required field, but value is a “don’t care”
cc
= checksum
Example:
:00000001FF
03
Miscellaneous Write Functions
:nnxxxx03ffssddcc
Where:
nn
= number of bytes (hex) in record
xxxx
= required field, but value is a “don’t care”
03
= Write Function
ff
= subfunction code
ss
= selection code
dd
= data input (as needed)
cc
= checksum
Subfunction Code = 04 (Set Status Byte to 00h)
ff = 04
ss = don’t care
Example:
:020000030400F7
set status byte to 00h
(device executes user code after Reset)
Subfunction Code = 05 (Program Security Bits)
ff = 05
ss = 00 program security bit 1
(inhibit writing to Flash)
01 program security bit 2
(inhibit Flash verify)
02 program security bit 3
(disable external memory)
Example:
:020000030501F5
program security bit 2
Subfunction Code = 06 (Program Flash X2 bit)
ff = 06
ss = 02 program FX2 bit (dd = 80)
⇒ 6–clk. mode enabled
dd = data
Example 1:
:0300000306028072
program FX2 bit
(enable 6–clk. mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com