Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC92433 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC92433
Description  1428 MHz Dual Output LVPECL Clock Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC92433 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC92433 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Advanced Clock Drivers Devices
Freescale Semiconductor
3
MPC92433
Table 1. Signal Configuration
Pin
I/O
Type
Function
XTAL1, XTAL2
Input
Analog
Crystal oscillator interface
REF_CLK
Input
LVCMOS
PLL external reference input
REF_SEL
Input
LVCMOS
Selects the reference clock input
QA
Output
Differential LVPECL
High frequency clock output
QB
Output
Differential LVPECL
High frequency clock output
LOCK
Output
LVCMOS
PLL lock indicator
M[9:0]
Input
LVCMOS
PLL feedback divider configuration
NA[2:0]
Input
LVCMOS
PLL post-divider configuration for output QA
NB
Input
LVCMOS
PLL post-divider configuration for output QB
P
Input
LVCMOS
PLL pre-divider configuration
P_LOAD
Input
LVCMOS
Selects the programming interface
SDA
I/O
LVCMOS
I2C data
SCL
Input
LVCMOS
I2C clock
ADR[1:0]
Input
LVCMOS
Selectable two bits of the I2C slave address
BYPASS
Input
LVCMOS
Selects the static circuit bypass mode
TEST_EN
Input
LVCMOS
Factory test mode enable. This input must be set to logic low level in all
applications of the device.
CLK_STOPx
Input
LVCMOS
Output Qx disable in logic low state
MR
Input
LVCMOS
Device master reset
GND
Supply
Ground
Negative power supply
VCC_PLL
Supply
VCC
Positive power supply for the PLL (analog power supply). It is recommended
to use an external RC filter for the analog power supply pin VCC_PLL.
VCC
Supply
VCC
Positive power supply for I/O and core



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com