Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC92433 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MPC92433
Description  1428 MHz Dual Output LVPECL Clock Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC92433 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MPC92433 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 20Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Advanced Clock Drivers Devices
Freescale Semiconductor
17
MPC92433
Jitter Performance of the MPC92433
Figure 8 and Figure 9 illustrate the RMS jitter performance
of the MPC92433 across its specified VCO frequency range.
For some output dividers N, the cycle-to-cycle and period
jitter is a function of the VCO frequency and the output divider
N. The general trend is that as the output frequency
increases (higher VCO frequency and lower N-divider) the
MPC92433 output jitter decreases. Optimum jitter
performance can be achieved at higher VCO and output
frequencies.
For the output dividers of N=2, 4 and 6 the cycle-to-cycle
jitter does not depend on the VCO frequency. For the output
dividers of 2, 4 and 8 the period jitter does not depend on the
VCO frequency. The maximum cycle-to-cycle and period jitter
published in Table 6 (AC characteristics) correspond to the
jitter performance at the lowest VCO frequency limit. The
VCO frequency can be calculated using formula (2).
AC Test Reference and Output Termination
The MPC92433 LVPECL outputs are designed to drive
50 transmission lines and require a DC termination to
VTT =VCC –2 V. Figure 10 illustrates the AC test reference
for the MPC92433 as used in characterization and test of this
circuit. If a separate termination voltage (VTT) is not available,
applications may use alternative output termination methods
such as shown in Figure 11 and Figure 12.
The high-speed differential output signals of the
MPC92433 are incompatible to single-ended LVCMOS
signals. In order to use the synthesizer in LVCMOS clock
signal environments, the dual-channel translator device
MC100ES60T23 provides the necessary level conversion.
The MC100ES60T23 has been specifically designed to
interface with the MPC92433 and supports clock frequencies
up to 300 MHz.
Figure 8. MPC92433 Cycle-to-Cycle Jitter
Figure 9. MPC92433 Period Jitter
.
Figure 10. MPC92433 AC Test Reference
Z = 50
Ω
RT = 50 Ω
Z = 50
Ω
RT = 50 Ω
VTT
Z = 50
Ω
QA
QB
Pulse
Generator
Z = 50
Ω
fREF = 16 MHz
Synthesizer
DUT MPC92433



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com