Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC92433 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC92433
Description  1428 MHz Dual Output LVPECL Clock Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC92433 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC92433 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Advanced Clock Drivers Devices
2
Freescale Semiconductor
MPC92433
Figure 1. MPC92433–Generic Logic Diagram
Figure 2. 48-Lead Package Pinout (Top View)
÷P
XTAL
PLL
÷NB
÷NA
÷M
fREF
fVCO
fQA
fQB
REF_CLK
XTAL1
XTAL2
REF_SEL
TEST_EN
SDA
SCL
ADR[1:0]
PLOAD
M[9:0]
NA[2:0]
NB
P
CLK_STOPx
BYPASS
MR
QA
QB
LOCK
PLL
Configuration
Registers
I2C Control
It is recommended to use an external
RC filter for the analog VCC_PLL supply
pin. Please see the application section
for details.
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
101112
37
38
39
40
41
42
43
44
45
46
47
48
MPC92433
M9
M8
M7
M6
M5
GND
M4
M3
M2
M1
M0
VCC
GND
NA2
NA1
NA0
PLOAD
VCC
MR
SDA
SCL
ADR1
ADR0
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com