Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC92433 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC92433
Description  1428 MHz Dual Output LVPECL Clock Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC92433 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC92433 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Advanced Clock Drivers Devices
4
Freescale Semiconductor
MPC92433
Table 2. Function Table
Control
Default(1)
1. Default states are set by internal input pull-up or pull-down resistors of 75 k
Ω.
01
Inputs
REF_SEL
1
Selects REF_CLK input as PLL reference clock
Selects the XTAL interface as PLL reference
clock
M[9:0]
01 1111 0100b(2)
2. If fREF = 16 MHz, the default configuration will result in an output frequency of 250 MHz.
PLL feedback divider (10-bit) parallel programming interface
NA[2:0]
010
PLL post-divider parallel programming interface. See Table 9
NB
0
PLL post-divider parallel programming interface. See Table 9
P
1
PLL pre-divider parallel programming interface. See Table 8
PLOAD
0
Selects the parallel programming interface. The
internal PLL divider settings (M, NA, NB and P) are
equal to the setting of the hardware pins. Leaving the
M, NA, NB and P pins open (floating) results in a
default PLL configuration with fOUT = 250 MHz. See
application/programming section.
Selects the serial (I2C) programming interface.
The internal PLL divider settings (M, NA, NB and
P) are set and read through the serial interface.
ADR[1:0]
00
Address bit = 0
Address bit = 1
SDA, SCL
See Programming the MPC92433
BYPASS
1
PLL function bypassed
fQA=fREF÷ NA and
fQB=fREF÷ (NA· NB)
PLL function enabled
fQA = (fREF÷ P) · M ÷ NA and
fQB = (fREF ÷ P) · M ÷ (NA · NB)
TEST_EN
0
Application mode. Test mode disabled.
Factory test mode is enabled
CLK_STOPx
1
Output Qx is disabled in logic low state. Synchronous
disable is only guaranteed if NB = 0.
Output Qx is synchronously enabled
MR
The device is reset. The output frequency is zero and
the outputs are asynchronously forced to logic low
state.
After releasing reset (upon the rising edge of MR and
independent on the state of PLOAD), the MPC92433
reads the parallel interface (M, NA, NB and P) to
acquire a valid startup frequency configuration. See
application/programming section.
The PLL attempts to lock to the reference signal.
The tLOCK specification applies.
Outputs
LOCK
PLL is not locked
PLL is frequency locked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com