Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC92433 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC92433
Description  1428 MHz Dual Output LVPECL Clock Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC92433 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC92433 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Advanced Clock Drivers Devices
Freescale Semiconductor
7
MPC92433
Table 6. AC Characteristics (VCC = 3.3 V ± 5%, TJ = –40°C to +85°C(1) (2)
1. AC specifications are subject to change.
2. AC characteristics apply for parallel output termination of 50
Ω to VTT.
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
fXTAL
Crystal Interface Frequency Range
15
16
20
MHz
fREF
FREF_EXT Reference Frequency Range
15
20
MHz
fVCO
VCO Frequency Range(3)
3. The input frequency fXTAL, the PLL divider M and P must match the VCO frequency range: fVCO = fXTAL · M ÷ P. The feedback divider M is
limited to 170 <= M <= 357 (for P=2) and 340 <= M <= 714 (for P=4) for stable PLL operation.
1360
2856
MHz
fMAX
Output Frequency(4)
N= ÷2
N= ÷4
N= ÷6
N= ÷8
N= ÷12
N= ÷16
N= ÷32
4. Output frequency for QA, QB if NB=0. With NB=1 the QB output frequency is half of the QA output frequency.
680
340
226.67
170
113.30
178.50
42.50
1428
714
476
357
238
178.50
89.25
MHz
MHz
MHz
MHz
MHz
MHz
MHz
fSCL
Serial Interface (I2C) Clock Frequency
0
0.4
MHz
tP,MIN
Minimum Pulse Width
(P_LOAD)50
ns
DC
Output Duty Cycle
45
50
55
%
tSK(O)
Output-to-Output Skew
NB=0 (fQA = fQB)
NB=1 (fQA = 2· fQB)
38
96
ps
ps
tr, tf
Output Rise/Fall Time (QA, QB)
0.05
0.3
ns
20% to 80%
tr, tf
Output Rise/Fall Time (SDA)
250
ns
CL = 400 pF
tP_EN
Output Enable Time (CLKSTOPx to QA, QB)
0
2 · TQx
TQx = Output period
tP_DIS
Output Disable Time (CLKSTOPx to QA, QB)
0
1.5 · TQx
TQx = Output period
tJIT(CC)
Cycle-to-Cycle Jitter (RMS)(5) N= ÷2, ÷4, ÷6, ÷8
N= ÷12
N= ÷16, ÷32
5. Maximum cycle jitter measured at the lowest VCO frequency. Refer to Figure 8 for the cycle jitter vs. frequency characterisitics.
15
20
30
ps
ps
ps
tJIT(PER)
Period Jitter (RMS)(6)
N= ÷2
N= ÷4
N= ÷6
N= ÷8
N= ÷12
N= ÷16
N= ÷32
6. Maximum period jitter measured at the lowest VCO frequency. Refer to Figure 9 for the period jitter vs. frequency characterisitics.
8
10
12
13
17
23
29
ps
ps
ps
ps
ps
ps
ps
NREF(UNLOCK) Number of missing reference clock cycles to
declare an out of LOCK condition(7)
7. See the LOCK Detect section on page 13.
2
tLOCK
Maximum PLL Lock Time
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com