Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC92433 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPC92433
Description  1428 MHz Dual Output LVPECL Clock Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC92433 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC92433 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Advanced Clock Drivers Devices
8
Freescale Semiconductor
MPC92433
Output Frequency Configuration
The MPC92433 is a programmable frequency source
(synthesizer) and supports an output frequency range of
42.5 – 1428 MHz. The output frequency fOUT is a function of
the reference frequency fREF and the three internal PLL
dividers P, M, and N. fOUT can be represented by this formula:
fOUT = (fREF ÷ P) · M ÷ (NA, B)
(1)
The M, N and P dividers require a configuration by the user
to achieve the desired output frequency. The output divider,
NA, determines the achievable output frequency range (see
Table 7). The PLL feedback-divider M is the frequency
multiplication factor and the main variable for frequency
synthesis. For a given reference frequency fREF, the PLL
feedback-divider M must be configured to match the
specified VCO frequency range in order to achieve a valid
PLL configuration:
fVCO = (fREF ÷ P) · M and
(2)
1360
≤ fVCO ≤ 2856
(3)
The output frequency may be changed at any time by
changing the value of the PLL feedback divider M. The
smallest possible output frequency change is the synthesizer
granularity G (difference in fOUT when incrementing or
decrementing M). At a given reference frequency, G is a
function of the PLL pre-divider P and post-divider N:
G = fREF ÷ (P · NA,B)
(4)
The NB divider configuration determines if the output QB
generates a 1:1 or 2:1 frequency copy of the QA output signal.
The purpose of the PLL pre-divider P is to situated the PLL
into the specified VCO frequency range fVCO (in combination
with M). For a given output frequency, P = 4 results in a
smaller output frequency granularity G, P = 2 results a larger
output frequency granularity G and also increases the PLL
bandwidth compared to the P = 2 setting.
The following example illustrates the output frequency
range of the MPC92433 using a 16-MHz reference
frequency.
Example Output Frequency Configuration
If a reference frequency of 16 MHz is available, an output
frequency at QA of 250 MHz and a small frequency
granularity is desired, the following steps would be taken to
identify the appropriate P, M, and N configuration:
1.
Use Table 7 to select the output divider, NA, that
matches the desired output frequency or frequency
range. According to Table 7, a target output frequency
of 250 MHz falls in the fOUT range of 170 to 357 MHz
and requires to set NA = 8
2.
Calculate the VCO frequency fVCO = fOUT · NA, which is
2000 MHz in this example.
3.
Determine the PLL feedback divider: M = fVCO ÷P.
The smallest possible output granularity in this example
calculation is 500 kHz (set P = 4). M calculates to a
value of 2000 ÷ 4 = 500.
4.
Configure the MPC92433 with the obtained settings:
M[9:0] = 0111110100b (binary number for M=500)
NA[2:0] = 010
(÷8 divider, see Table 9)
P = 1
(÷4 divider, see Table 8)
NB = 0
(fOUT, QB = fOUT, QA)
5.
Use either parallel or serial interface to apply the
setting. The I2C configuration bytes for this example
are:
PLL_H=01010010b and PLL_L=11110100b.
See Table 13 and Table 14 for register maps.
Table 7. Frequency Ranges (fREF=16 MHz)
fOUT (QA) [MHz]
NA
MP
G [MHz]
680–1428
NA=2
170-357
2
4
340-714
4
2
340–714
NA=4
170-357
2
2
340-714
4
1
226.67–476
NA=6
170-357
2
1.33
340-714
4
0.66
170–357
NA=8
170-357
2
1
340-714
4
0.5
113.33–238
NA=12
170-357
2
0.66
340-714
4
0.33
85–178.5
NA=16
170-357
2
0.5
340-714
4
0.25
42.5–89.25
NA=32
170-357
2
0.25
340-714
4
0.125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com