Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC92433 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC92433
Description  1428 MHz Dual Output LVPECL Clock Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC92433 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC92433 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Freescale Semiconductor, Inc., 2005. All rights reserved.
MPC92433
Rev 2, 06/2005
Freescale Semiconductor
Technical Data
1428 MHz Dual Output LVPECL
Clock Synthesizer
The MPC92433 is a 3.3 V compatible, PLL based clock synthesizer targeted
for high performance clock generation in mid-range to high-performance
telecom, networking, and computing applications. With output frequencies from
42.50 MHz to 1428 MHz and the support of two differential PECL output signals,
the device meets the needs of the most demanding clock applications.
Features
•
42.50 MHz to 1428 MHz synthesized clock output signal
•
Two differential, LVPECL-compatible high-frequency outputs
•
Output frequency programmable through 2-wire I2C bus or parallel interface
•
On-chip crystal oscillator for reference frequency generation
•
Alternative LVCMOS compatible reference clock input
•
Synchronous clock stop functionality for both outputs
•
LOCK indicator output (LVCMOS)
•
LVCMOS compatible control inputs
•
Fully integrated PLL
•
3.3 V power supply
•
48-lead LQFP
•
48-lead Pb-free package available
•
SiGe Technology
•
Ambient temperature range: –40°C to +85°C
Typical Applications
•
Programmable clock source for server, computing, and telecommunication systems
•
Frequency margining
•
Oscillator replacement
The MPC92433 is a programmable high-frequency clock source (clock synthesizer). The internal PLL generates a high-
frequency output signal based on a low-frequency reference signal. The frequency of the output signal is programmable and can
be changed on the fly for frequency margining purposes.
The internal crystal oscillator uses the external quartz crystal as the basis of its frequency reference. Alternatively, a LVCMOS
compatible clock signal can be used as a PLL reference signal. The frequency of the internal crystal oscillator is divided by a
selectable divider and then multiplied by the PLL. The VCO within the PLL operates over a range of 1360 to 2856 MHz. Its output
is scaled by a divider that is configured by either the I2C or parallel interfaces. The crystal oscillator frequency fXTAL, the PLL
pre-divider P, the feedback-divider M, and the PLL post-divider N determine the output frequency. The feedback path of the PLL
is internal.
The PLL post-divider N is configured through either the I2C or the parallel interfaces, and can provide one of seven division
ratios (2, 4, 6, 8, 12, 16, 32). This divider extends the performance of the part while providing a 50
Ω duty cycle. The high-
frequency outputs, QA and QB, are differential and are capable of driving a pair of transmission lines terminated 50 Ω to
VCC – 2.0 V. The second high-frequency output, QB, can be configured to run at either 1x or 1/2x of the clock frequency or the
first output (QA). The positive supply voltage for the internal PLL is separated from the power supply for the core logic and output
drivers to minimize noise induced jitter.
The configuration logic has two sections: I2C and parallel. The parallel interface uses the values at the M[9:0], NA[2:0], NB,
and P parallel inputs to configure the internal PLL dividers. The parallel programming interface has priority over the serial I2C
interface. The serial interface is I2C compatible and provides read and write access to the internal PLL configuration registers.
The lock state of the PLL is indicated by the LVCMOS-compatible LOCK output.
1. FA suffix: leaded terminations.
2. AE suffix: lead-free, EPP and RoHS-compliant.
MPC92433
1428 MHz LOW VOLTAGE
CLOCK SYNTHESIZER
FA SUFFIX(1)
48-LEAD LQFP PACKAGE
CASE 932-03
AE SUFFIX(2)
48-LEAD LQFP PACKAGE
Pb-FREE PACKAGE
CASE 932-03


Similar Part No. - MPC92433

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC92432 MOTOROLA-MPC92432 Datasheet
453Kb / 20P
1360 MHz Dual Output LVPECL Clock Synthesizer
logo
Integrated Device Techn...
MPC92432 IDT-MPC92432 Datasheet
617Kb / 19P
1360 MHz Dual Output LVPECL Clock Synthesizer Fully integrated PLL
logo
Motorola, Inc
MPC92432FA MOTOROLA-MPC92432FA Datasheet
453Kb / 20P
1360 MHz Dual Output LVPECL Clock Synthesizer
logo
Integrated Device Techn...
MPC92439 IDT-MPC92439 Datasheet
828Kb / 15P
900MHz, Low Voltage, LVPECL Clock Syntheesizer
logo
Renesas Technology Corp
MPC92439 RENESAS-MPC92439 Datasheet
651Kb / 17P
900MHz, Low Voltage LVPECL Clock Synthesizer
2019
More results

Similar Description - MPC92433

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC92432 MOTOROLA-MPC92432 Datasheet
453Kb / 20P
1360 MHz Dual Output LVPECL Clock Synthesizer
logo
Freescale Semiconductor...
MPC9239 FREESCALE-MPC9239 Datasheet
358Kb / 14P
900 MHz Low Voltage LVPECL Clock Synthesizer
logo
CTS Corporation
VCT2000A CTS-VCT2000A Datasheet
141Kb / 5P
LVPECL Output-Dual Input Clock Generator
logo
Maxim Integrated Produc...
DS4625 MAXIM-DS4625 Datasheet
139Kb / 6P
3.3V Dual-Output LVPECL Clock Oscillator
Rev 0; 4/09
DS4625 MAXIM-DS4625_10 Datasheet
151Kb / 7P
3.3V Dual-Output LVPECL Clock Oscillator
Rev 1; 3/10
logo
Integrated Device Techn...
MPC92432 IDT-MPC92432 Datasheet
617Kb / 19P
1360 MHz Dual Output LVPECL Clock Synthesizer Fully integrated PLL
8V43FS92432 IDT-8V43FS92432 Datasheet
392Kb / 27P
1360MHz Dual Output LVPECL Clock Synthesizer
logo
Renesas Technology Corp
8V43FS92432 RENESAS-8V43FS92432 Datasheet
594Kb / 28P
1360MHz Dual Output LVPECL Clock Synthesizer
10/28/15
ICS843156 RENESAS-ICS843156 Datasheet
488Kb / 21P
Crystal-to-LVPECL Clock Synthesizer
May 26, 2016
ICS843156I RENESAS-ICS843156I Datasheet
475Kb / 21P
Crystal-to-LVPECL Clock Synthesizer
NOVEMBER 28, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com