Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC92433 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC92433
Description  1428 MHz Dual Output LVPECL Clock Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC92433 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC92433 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Advanced Clock Drivers Devices
Freescale Semiconductor
13
MPC92433
LOCK Detect
The LOCK detect circuitry indicates the frequency-lock
status of the PLL by setting and resetting the pin LOCK and
register bit LOCK simultaneously. After acquiring an internal
frequency lock state, the assertion of the LOCK signal is
delayed at least 256 reference clock cycles to prevent
signaling temporary PLL locks during frequency transitions.
The LOCK signal is deasserted when the PLL lost lock, for
instance when the reference clock is removed: the LOCK
signal goes low after missing at least two fref clock cycles
(NREF(UNLOCK)). The PLL may also lose lock when the PLL
feedback-divider M or pre-divider P is changed or the
DEC/INC command is issued. The PLL may not lose lock as
a result of slow reference frequency changes. In any case of
losing LOCK, the PLL attempts to re-lock to the reference
frequency.
Output Clock Stop
Asserting CLK_STOPx will stop the respective output
clock in logic low state. The CLK_STOPx control is internally
synchronized to the output clock signal, therefore, enabling
and disabling outputs does not produce runt pulses. See
Figure 5.The clock stop controls of the QA and QB outputs
are independent on each other. If the QB runs at half of the
QA output frequency and both outputs are enabled at the
same time, the first clock pulse of QA may not appear at the
same time of the first QB output. (See Figure 6.) Concident
rising edges of QA and QB stay synchronous after the
assertion and de-assertion of the CLK_STOPx controls.
Asserting MR always resets the output divider to a logic low
output state, with the risk of producing an output runt pulse.
Figure 5. Clock Stop Timing for NB = 0 (fQA = fQB)
Figure 6. Clock Stop Timing for NB = 1 (fQA = 2 fQB)
CLK_STOPx
Qx
(Disable)
(Enable)
(Enable)
tP_DIS
tP_EN
CLK_STOPA,B
QA
QB
(Disable)
(Enable)
(Enable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com