Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z610-R1 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28Z610-R1
Description  BQ28Z610-R1 Impedance Track??Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z610-R1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button BQ28Z610-R1 Datasheet HTML 11Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 12Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 13Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 14Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 15Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 16Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 17Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 18Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
4.2478
4.24785
4.2479
4.24795
4.248
4.24805
±40
±20
0
20
40
60
80
100
120
Temperature (ƒC)
C018
99.00
99.05
99.10
99.15
99.20
99.25
±40
±20
0
20
40
60
80
100
120
Temperature (ƒC)
C019
2.498
2.49805
2.4981
2.49815
2.4982
2.49825
2.4983
2.49835
2.4984
±40
±20
0
20
40
60
80
100
120
Temperature (ƒC)
C016
3.498
3.49805
3.4981
3.49815
3.4982
3.49825
±40
±20
0
20
40
60
80
100
120
Temperature (ƒC)
C017
15
BQ28Z610-R1
www.ti.com
SLUSE07 – JANUARY 2020
Product Folder Links: BQ28Z610-R1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 14. VCELL Measurement at 2.5-V vs. Temperature
This is the VCELL average for single cell.
Figure 15. VCELL Measurement at 3.5-V vs. Temperature
This is the VCELL average for single cell.
Figure 16. VCELL Measurement at 4.25-V vs. Temperature
ISET = 100 mA, RSNS= 1 Ω
Figure 17. I Measured vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com