Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z610-R1 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28Z610-R1
Description  BQ28Z610-R1 Impedance Track??Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z610-R1 Datasheet(HTML) 19 Page - Texas Instruments

Back Button BQ28Z610-R1 Datasheet HTML 15Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 16Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 17Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 18Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 19Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 20Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 21Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 22Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
VC1
VC2
VSS
19
BQ28Z610-R1
www.ti.com
SLUSE07 – JANUARY 2020
Product Folder Links: BQ28Z610-R1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Feature Description (continued)
CAUTION
If the device is configured as a single-master architecture (an application processor)
and an occasional NACK is detected in the operation, the master can resend the
transaction. However, in a multi-master architecture, an incorrect ACK leading to
accidental loss of bus arbitration can cause a master to wait incorrectly for another
master to clear the bus. If this master does not get a bus-free signal, then it must have
in place a method to look for the bus and assume it is free after some period of time.
Also, if possible, set the clock speed to be 100 kHz or less to significantly reduce the
issue described above for multi-mode operation.
8.3.12 I2C Timeout
The I2C engine will release both SDA and SCL if the I2C bus is held low for ~2 seconds. If the BQ28Z610-R1
device were holding the lines, releasing them frees the master to drive the lines. Note: that the low time setting
can be under firmware control but the HW default is 2 seconds.
8.3.13 Cell Balancing Support
The integrated cell balancing FETs included in the BQ28Z610-R1 device enable the AFE to bypass cell current
around a given cell or numerous cells to effectively balance the entire battery stack. External series resistors
placed between the cell connections and the VCx input pins set the balancing current magnitude. The cell
balancing circuitry can be enabled or disabled via the CELL_BAL_DET[CB2, CB1] control register. Series input
resistors between 100 Ω and 1 kΩ are recommended for effective cell balancing.
Figure 20. Internal Cell Balancing
8.3.14 N-Channel Protection FET Drive
The BQ28Z610-R1 device controls two external N-Channel MOSFETs in a back-to-back configuration for battery
protection. The charge (CHG) and discharge (DSG) FETs are automatically disabled if a safety fault (AOLD,
ASSC, ASCD, SOV) is detected, and can also be manually turned off using AFE_CONTROL[CHGEN, DSGEN]
= 0, 0. When the gate drive is disabled, an internal circuit discharges CHG to VC2 and DSG to PACK.
8.3.15 Low Frequency Oscillator
The BQ28Z610-R1 AFE includes a low frequency oscillator (LFO) running at 262.144 kHz. The AFE monitors the
LFO frequency and indicates a failure via LATCH_STATUS[LFO] if the output frequency is much lower than
normal.
8.3.16 High Frequency Oscillator
The BQ28Z610-R1 AGG includes a high frequency oscillator (HFO) running at 16.78 MHz. It is synthesized from
the LFO output and scaled down to 8.388 MHz with 50% duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com