Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z610-R1 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28Z610-R1
Description  BQ28Z610-R1 Impedance Track??Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z610-R1 Datasheet(HTML) 22 Page - Texas Instruments

Back Button BQ28Z610-R1 Datasheet HTML 18Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 19Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 20Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 21Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 22Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 23Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 24Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 25Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
22
BQ28Z610-R1
SLUSE07 – JANUARY 2020
www.ti.com
Product Folder Links: BQ28Z610-R1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Device Functional Modes (continued)
8.4.2.2 Cell Voltage Measurements
The BQ28Z610-R1 measures the individual cell voltages at 250-ms intervals using an ADC. This measured value
is internally scaled for the ADC and is calibrated to reduce any errors due to offsets. This data is also used for
calculating the impedance of the individual cell for Impedance Track gas gauging.
8.4.2.3 Current Measurements
The current measurement is performed by measuring the voltage drop across the external sense resistor (1 mΩ
to 3 mΩ) and the polarity of the differential voltage determines if the cell is in the CHARGE or DISCHARGE
mode.
8.4.2.4 Auto Calibration
The auto-calibration feature helps to cancel any voltage offset across the SRP and SRN pins for accurate
measurement of the cell voltage, charge/discharge current, and thermistor temperature. The auto-calibration is
performed when there is no communication activity for a minimum of 5 s on the bus lines.
8.4.2.5 Temperature Measurements
This device has an internal sensor for on-die temperature measurements, and the ability to support external
temperature measurements via the external NTC on the TS1 pin. These two measurements are individually
enabled and configured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com