Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z610-R1 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28Z610-R1
Description  BQ28Z610-R1 Impedance Track??Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z610-R1 Datasheet(HTML) 25 Page - Texas Instruments

Back Button BQ28Z610-R1 Datasheet HTML 21Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 22Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 23Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 24Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 25Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 26Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 27Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 28Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
25
BQ28Z610-R1
www.ti.com
SLUSE07 – JANUARY 2020
Product Folder Links: BQ28Z610-R1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
•
To protect against cell undervoltage, set the data flash value to 2500 in the Protections: CUV register.
•
To set the shutdown voltage to prevent further pack depletion due to low pack voltage, program Power:
Shutdown: Shutdown voltage = 2300.
•
To protect against large charging currents when the AC adapter is attached, set the data flash value to 6000
in the Protections: OCC: Threshold register.
•
To protect against large discharging currents when heavy loads are attached, set the data flash value to
–6000 in the Protections: OCD: Threshold register.
•
Program a short circuit delay timer and threshold setting to enable the operating the system for large short
transient current pulses. These two parameters are under Protections: ASCC: Threshold = 100 for charging
current. The discharge current setting is Protections: ASCD:Threshold = –100 mV.
•
To prevent the cells from overcharging and adding a second level of safety, there is a register setting that will
shut down the device if any of the cells voltage measurement is greater than the Safety Over Voltage setting
for greater than the delay time. Set this data flash value to 4500 in Permanent Fail: SOV: Threshold.
•
To disable the cell balancing feature, set the data flash value to 0 in Settings: Configuration: Balancing
Configuration: bit 0 (CB).
•
To enable the internal temperature and the external temperature sensors: Set Settings:Configuration:
Temperature Enable: Bit 0 (TSInt) = 1 for the internal sensor; set Bit 1 (TS1) = 1 for the external sensor.
•
To prevent charging of the battery pack if the temperature falls below 0°C, set Protections: UTC:Threshold
= 0.
•
To prevent discharging of the battery pack if the temperature falls below 0°C, set Protections:
UTD:Threshold = 0.
•
To provide required information to the smart chargers, the gas gauge must operate in BROADCAST mode.
To enable this, set the [BCAST] bit in Configuration: SBS Configuration 2: Bit 0 [BCAST] = 1.
Each parameter listed for fault trigger thresholds has a delay timer setting associated for any noise filtering.
These values, along with the trigger thresholds for fault detection, may be changed based upon the application
requirements using the data flash settings in the appropriate register stated in the BQ28Z610-R1 Technical
Reference Manual (SLUUC81).
9.2.2.2 Calibration Process
The calibration of current, voltage, and temperature readings is accessible by writing 0xF081 or 0xF082 to
ManufacturerAccess(). A detailed procedure is included in the BQ28Z610-R1 Technical Reference Manual
(SLUUC81) in the Calibration section. The description allows for calibration of cell voltage measurement offset,
battery voltage, pack voltage, current calibration, coulomb counter offset, PCB offset, CC gain/capacity gain, and
temperature measurement for both internal and external sensors.
9.2.2.3 Gauging Data Updates
When a battery pack enabled with the BQ28Z610-R1 device is first cycled, the value of FullChargeCapacity()
updates several times. Figure 23 shows RemainingCapacity() and FullChargeCapacity(), and where those
updates occur. As part of the Impedance Track algorithm, it is expected that FullChargeCapacity() may update at
the end of charge, at the end of discharge, and at rest.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com