Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z610-R1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28Z610-R1
Description  BQ28Z610-R1 Impedance Track??Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z610-R1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ28Z610-R1 Datasheet HTML 2Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 3Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 4Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 5Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 6Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 7Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 8Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 9Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
BQ28Z610-R1
SLUSE07 – JANUARY 2020
www.ti.com
Product Folder Links: BQ28Z610-R1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
7.8 Power-On Reset (POR)
Typical values stated where TA = 25ºC and VCC = 7.2 V, Min/Max values stated where TA = –40ºC to 85ºC and VCC = 2.2 V
to 7.6 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VREGIT–
Negative-going voltage
input
VREG
1.51
1.55
1.59
V
VHYS
Power-on reset
hysteresis
VREGIT+ – VREGIT–
70
100
130
mV
tRST
Power-on reset time
200
300
400
µs
7.9 Internal 1.8-V LDO
Typical values stated where TA = 25ºC and VCC = 7.2 V, Min/Max values stated where TA = –40ºC to 85ºC and VCC = 2.2 V
to 7.6 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VREG
Regulator voltage
1.6
1.8
2.0
V
ΔVO(TEMP)
Regulator output over
temperature
ΔVREG/ΔTA, IREG = 10 mA
±0.25%
ΔVO(LINE)
Line regulation
ΔVREG/ΔVBAT, VBAT = 10 mA
–0 .6%
0.5%
ΔVO(LOAD)
Load regulation
ΔVREG/ΔIREG, IREG = 0 mA to 10 mA
–1.5%
1.5%
IREG
Regulator output
current limit
VREG = 0.9 x VREG(NOM), VIN > 2.2 V
20
mA
ISC
Regulator short-circuit
current limit
VREG = 0 x VREG(NOM)
25
40
50
mA
PSRRREG
Power supply rejection
ratio
ΔVBAT/ΔVREG, IREG = 10 mA, VIN > 2.5 V, f = 10 Hz
40
dB
VSLEW
Slew rate enhancement
voltage threshold
VREG
1.58
1.65
V
7.10 Current Wake Comparator
Typical values stated where TA = 25ºC and VCC = 7.2 V, Min/Max values stated where TA = –40ºC to 85ºC and VCC = 2.2 V
to 7.6 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VWAKE
Wake voltage
threshold
VWAKE = VSRP – VSRN WAKE_CONTROL[WK1, WK0]
= 0,0
±0.3
±0.625
±0.9
mV
VWAKE = VSRP – VSRN WAKE_CONTROL[WK1, WK0]
= 0,1
±0.6
±1.25
±1.8
mV
VWAKE = VSRP – VSRN WAKE_CONTROL[WK1, WK0]
= 1,0
±1.2
±2.5
±3.6
mV
VWAKE = VSRP – VSRN WAKE_CONTROL[WK1, WK0]
= 1,1
±2.4
±5.0
±7.2
mV
VWAKE(DRIFT)
Temperature drift of
VWAKE accuracy
0.5%
°C
tWAKE
Time from application
of current to wake
0.25
0.5
ms
tWAKE(SU)
Wake up comparator
startup time
[WKCHGEN] = 0 and [WKDSGEN] = 0 to
[WKCHGEN] = 1 and [WKDSGEN] = 1
250
640
µs
7.11 Coulomb Counter
Typical values stated where TA = 25ºC and VCC = 7.2 V, Min/Max values stated where TA = –40ºC to 85ºC and VCC = 2.2 V
to 7.6 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Input voltage range
–100
100
mV
Full scale range
–VREF1/10
+VREF1/10
mV
Differential nonlinearity
16-bit, No missing codes
±1
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com