Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z610-R1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28Z610-R1
Description  BQ28Z610-R1 Impedance Track??Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z610-R1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ28Z610-R1 Datasheet HTML 6Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 7Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 8Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 9Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 10Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 11Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 12Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 13Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10
BQ28Z610-R1
SLUSE07 – JANUARY 2020
www.ti.com
Product Folder Links: BQ28Z610-R1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Current Protection Thresholds (continued)
Typical values stated where TA = 25ºC and VCC = 7.2 V, Min/Max values stated where TA = –40ºC to 85ºC and VCC = 2.2 V
to 7.6 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
ΔVSCC
SCC detection threshold
voltage range
VSCC = VSRP – VSRN,
PROTECTION_CONTROL[RSNS] = 1
44.4
200
mV
VSCC = VSRP – VSRN,
PROTECTION_CONTROL[RSNS] = 0
22.2
100
ΔVSCC
SCC detection threshold
voltage program step
VSCC = VSRP – VSRN,
PROTECTION_CONTROL[RSNS] = 1
22.2
mV
VSCC = VSRP – VSRN,
PROTECTION_CONTROL[RSNS] = 0
11.1
VSCD1
SCD1 detection threshold
voltage range
VSCD1 = VSRP – VSRN,
PROTECTION_CONTROL[RSNS] = 1
–44.4
–200
mV
VSCD1 = VSRP – VSRN,
PROTECTION_CONTROL[RSNS] = 0
–22.2
–100
ΔVSCD1
SCD1 detection threshold
voltage program step
VSCD1 = VSRP – VSRN,
PROTECTION_CONTROL[RSNS] = 1
–22.2
mV
VSCD1 = VSRP – VSRN,
PROTECTION_CONTROL[RSNS] = 0
–11.1
VSCD2
SCD2 detection threshold
voltage range
VSCD2 = VSRP – VSRN,
PROTECTION_CONTROL[RSNS] = 1
–44.4
–200
mV
VSCD2 = VSRP – VSRN,
PROTECTION_CONTROL[RSNS] = 0
–22.2
–100
ΔVSCD2
SCD2 detection threshold
voltage program step
VSCD2 = VSRP – VSRN,
PROTECTION_CONTROL[RSNS] = 1
–22.2
mV
VSCD2 = VSRP – VSRN,
PROTECTION_CONTROL[RSNS] = 0
–11.1
7.24 Current Protection Timing
Typical values stated where TA = 25ºC and VCC = 7.2 V, Min/Max values stated where TA = –40ºC to 85ºC and VCC = 2.2 V
to 7.6 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
NOM
MAX
UNIT
tOCD
OCD detection delay
time
1
31
ms
ΔtOCD
OCD detection delay
time program step
2
ms
tSCC
SCC detection delay
time
0
915
µs
ΔtSCC
SCC detection delay
time program step
61
µs
tSCD1
SCD1 detection delay
time
PROTECTION_CONTROL[SCDDx2] = 0
0
915
µs
PROTECTION_CONTROL[SCDDx2] = 1
0
1850
ΔtSCD1
SCD1 detection delay
time program step
PROTECTION_CONTROL[SCDDx2] = 0
61
µs
PROTECTION_CONTROL[SCDDx2] = 1
121
tSCD2
SCD2 detection delay
time
PROTECTION_CONTROL[SCDDx2] = 0
0
458
µs
PROTECTION_CONTROL[SCDDx2] = 1
0
915
ΔtSCD2
SCD2 detection delay
time program step
PROTECTION_CONTROL[SCDDx2] = 0
30.5
µs
PROTECTION_CONTROL[SCDDx2] = 1
61
tDETECT
Current fault detect
time
VSRP – VSRN = VT – 3 mV for OCD, SCD1, and SC2,
VSRP – VSRN = VT + 3 mV for SCC
160
µs
tACC
Current fault delay time
accuracy
Max delay setting
–10%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com