Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z610-R1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28Z610-R1
Description  BQ28Z610-R1 Impedance Track??Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z610-R1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ28Z610-R1 Datasheet HTML 4Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 5Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 6Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 7Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 8Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 9Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 10Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 11Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
BQ28Z610-R1
SLUSE07 – JANUARY 2020
www.ti.com
Product Folder Links: BQ28Z610-R1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
(1)
Assured by design
7.15 Internal Temperature Sensor
Typical values stated where TA = 25ºC and VCC = 7.2 V, Min/Max values stated where TA = –40ºC to 85ºC and VCC = 2.2 V
to 7.6 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VTEMP
Internal temperature
sensor voltage drift
VTEMPP
–1.9
–2.0
–2.1
mV/°C
VTEMPP – VTEMPN
(1)
0.177
0.178
0.179
7.16 NTC Thermistor Measurement Support
Typical values stated where TA = 25ºC and VCC = 7.2 V, Min/Max values stated where TA = –40ºC to 85ºC and VCC = 2.2 V
to 7.6 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
RNTC(PU)
Internal pull-up
resistance
TS1
14.4
18
21.6
RNTC(DRIFT)
Resistance drift over
temperature
TS1
–360
–280
–200
PPM/°C
7.17 High-Frequency Oscillator
Typical values stated where TA = 25ºC and VCC = 7.2 V, Min/Max values stated where TA = –40ºC to 85ºC and VCC = 2.2 V
to 7.6 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
fHFO
Operating frequency
16.78
MHz
fHFO(ERR)
Frequency error
TA = –20°C to 70°C, includes frequency drift
–2.5%
±0.25%
2.5%
TA = –40°C to 85°C, includes frequency drift
–3.5%
±0.25%
3.5%
tHFO(SU)
Start-up time
TA = –20°C to 85°C, Oscillator frequency within
+/–3% of nominal, CLKCTL[HFRAMP] = 1
4
ms
Oscillator frequency within +/–3% of nominal,
CLKCTL[HFRAMP] = 0
100
µs
7.18 Low-Frequency Oscillator
Typical values stated where TA = 25ºC and VCC = 7.2 V, Min/Max values stated where TA = –40ºC to 85ºC and VCC = 2.2 V
to 7.6 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
fLFO
Operating frequency
262.144
kHz
fLFO(LP)
Operating frequency in
low power mode
247
kHz
fLFO(ERR)
Frequency error
TA = –20°C to 70°C, includes frequency drift
–1.5%
±0.25%
1.5%
TA = –40°C to 85°C, includes frequency drift
–2.5%
±0.25%
2.5%
fLFO(LPERR)
Frequency error in low
power mode
–5%
5%
fLFO(FAIL)
Failure detection
frequency
30
80
100
kHz
7.19 Voltage Reference 1
Typical values stated where TA = 25ºC and VCC = 7.2 V, Min/Max values stated where TA = –40ºC to 85ºC and VCC = 2.2 V
to 7.6 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VREF1
Internal reference
voltage
TA = 25°C, after trim
1.215
1.220
1.225
V
VREF1(DRIFT)
Internal reference
voltage drift
TA = 0°C to 60°C, after trim
±50
PPM/°C
TA = –40°C to 85°C, after trim
±80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com