Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z610-R1 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28Z610-R1
Description  BQ28Z610-R1 Impedance Track??Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z610-R1 Datasheet(HTML) 27 Page - Texas Instruments

Back Button BQ28Z610-R1 Datasheet HTML 23Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 24Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 25Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 26Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 27Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 28Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 29Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 30Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Sense
resistor
Ground
Shield
Filter Circuit
0.1 µF
0.1 µF
0.1 µF
100
100
0.001, 50 ppm
27
BQ28Z610-R1
www.ti.com
SLUSE07 – JANUARY 2020
Product Folder Links: BQ28Z610-R1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Layout Guidelines (continued)
temperature coefficient no greater than 50 ppm in order to minimize current measurement drift with
temperature. Choose the value of the sense resistor to correspond to the available overcurrent and short-
circuit ranges of the BQ28Z610-R1. Select the smallest value possible in order to minimize the negative
voltage generated on the BQ28Z610-R1 VSS node(s) during a short circuit. This pin has an absolute
minimum of –0.3 V. Parallel resistors can be used as long as good Kelvin sensing is ensured. The device is
designed to support a 1-mΩ to 3-mΩ sense resistor.
•
A pair of series 0.1-μF ceramic capacitors is placed across the PACK+ and PACK– pins to help in the
mitigation of external electrostatic discharges. The two devices in series ensure continued operation of the
pack if one of the capacitors becomes shorted. Optionally, a transorb such as the SMBJ2A can be placed
across the pins to further improve ESD immunity.
•
In reference to the gas gauge circuit the following features require attention for component placement and
layout: Differential Low-Pass Filter, I2C communication, and PBI (Power Backup Input).
•
The BQ28Z610-R1 uses an integrating delta-sigma ADC for current measurements. Add a 100-Ω resistor
from the sense resistor to the SRP and SRN inputs of the device. Place a 0.1-μF filter capacitor across the
SRP and SRN inputs. Optional 0.1-μF filter capacitors can be added for additional noise filtering for each
sense input pin to ground, if required for your circuit. Place all filter components as close as possible to the
device. Route the traces from the sense resistor in parallel to the filter circuit. Adding a ground plane around
the filter network can add additional noise immunity.
Figure 24. BQ28Z610-R1 Differential Filter
•
The BQ28Z610-R1 has an internal LDO that is internally compensated and does not require an external
decoupling capacitor. The PBI pin is used as a power supply backup input pin, providing power during brief
transient power outages. A standard 2.2-μF ceramic capacitor is connected from the PBI pin to ground, as
shown in application example.
•
The I2C clock and data pins have integrated high-voltage ESD protection circuits; however, adding a Zener
diode and series resistor provides more robust ESD performance. The I2C clock and data lines have an
internal pull-down. When the gas gauge senses that both lines are low (such as during removal of the pack),
the device performs auto-offset calibration and then goes into SLEEP mode to conserve power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com