Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4256-3IGN Datasheet(PDF) 7 Page - Linear Technology

Part # LT4256-3IGN
Description  Positive High Voltage Hot Swap Controller with Open-Circuit Detect
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4256-3IGN Datasheet(HTML) 7 Page - Linear Technology

Back Button LT4256-3IGN Datasheet HTML 3Page - Linear Technology LT4256-3IGN Datasheet HTML 4Page - Linear Technology LT4256-3IGN Datasheet HTML 5Page - Linear Technology LT4256-3IGN Datasheet HTML 6Page - Linear Technology LT4256-3IGN Datasheet HTML 7Page - Linear Technology LT4256-3IGN Datasheet HTML 8Page - Linear Technology LT4256-3IGN Datasheet HTML 9Page - Linear Technology LT4256-3IGN Datasheet HTML 10Page - Linear Technology LT4256-3IGN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT4256-3
7
42563f
PI FU CTIO S
GATE (Pin 13): High Side Gate Drive for the External
N-Channel MOSFET. An internal charge pump guarantees
at least 10V of gate drive for VCC supply voltages above
20V and 4.5V of gate drive for VCC supply voltages
between 10.8V and 20V. The rising slope of the voltage on
GATE is set by an external capacitor connected from GATE
to GND and an internal 30
µA pull-up current source from
the charge pump output.
If the current limit is reached, the GATE voltage is adjusted
to maintain a constant voltage across the sense resistor
while the timing capacitor starts to charge. If the TIMER
voltage ever exceeds 4.65V, GATE is pulled low.
GATE is also pulled to GND whenever UV is pulled low; the
VCC supplyvoltagedropsbelowtheexternallyprogrammed
undervoltage threshold, above the overvoltage threshold
or below the internal UVLO threshold (9.8V).
GATE is clamped internally to a maximum voltage of 11.6V
(typ) above VOUT under normal operating conditions.
Driving this pin beyond the clamp voltage may damage the
part. GATE is also clamped to 2V (typ) below VOUT. When
the gate is commanded off due to a fault condition, it is
discharged quickly by a 62mA (typ) capable switch until
GATE is 2V (typ) below VOUT. When GATE is below VOUT
by 2V, the 62mA is reduced to 130
µA to protect the
LT4256-3 against damage if VOUT has large capacitance.
A Zener diode is needed between the gate and source of the
external MOSFET to protect its gate oxide under instanta-
neous short-circuit conditions. See Applications Informa-
tion.
SENSE (Pin 15): Current Limit Sense Input. A sense
resistor is placed in the supply path between VCC and
SENSE. The current limit circuit regulates the voltage
across the sense resistor (VCC – SENSE) to 55mV while in
current limit when FB is 2V or higher. If FB drops below
2V, the regulated voltage across the sense resistor de-
creases linearly and stops at 14mV when FB is 0V. The
OPEN output also uses SENSE to detect when the output
current is less than (3mV)/R5.
To defeat current limit, connect SENSE to VCC.
VCC (Pin 16): Input Supply Voltage. The positive supply
input ranges from 10.8V to 80V for normal operation. ICC
is typically 1.8mA. An internal circuit disables the LT4256-3
for inputs less than 9.8V (typ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com