Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4256-3IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LT4256-3IGN
Description  Positive High Voltage Hot Swap Controller with Open-Circuit Detect
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4256-3IGN Datasheet(HTML) 1 Page - Linear Technology

  LT4256-3IGN Datasheet HTML 1Page - Linear Technology LT4256-3IGN Datasheet HTML 2Page - Linear Technology LT4256-3IGN Datasheet HTML 3Page - Linear Technology LT4256-3IGN Datasheet HTML 4Page - Linear Technology LT4256-3IGN Datasheet HTML 5Page - Linear Technology LT4256-3IGN Datasheet HTML 6Page - Linear Technology LT4256-3IGN Datasheet HTML 7Page - Linear Technology LT4256-3IGN Datasheet HTML 8Page - Linear Technology LT4256-3IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT4256-3
1
42563f
The LT
®4256-3 is a high voltage Hot Swap
TM controller that
allows a board to be safely inserted and removed from a
live backplane. An internal driver controls the high side
N-channel MOSFET gate for supply voltages ranging from
10.8V to 80V. The part features an open-circuit detect
(OPEN) output that indicates abnormally low load current
conditions.
The LT4256-3 also features an adjustable analog foldback
current limit. If the supply remains in current limit for more
than a programmable time, the N-channel MOSFET shuts
off, the PWRGD output asserts low and the LT4256-3
either automatically restarts after a time-out delay or
latches off until the UV pin is cycled low (depending on the
status of the RETRY pin).
The PWRGD output indicates when the output voltage
rises above a programmed level. An external resistor
string from VCC provides programmable undervoltage and
overvoltage protection.
The LT4256-3 is available in a 16-lead SSOP package.
s
Hot Board Insertion
s
Electronic Circuit Breaker/Power Bussing
s
Industrial High Side Switch/Circuit Breaker
s
24V/48V Industrial/Alarm Systems
s
Ideally Suited for 12V, 24V and 48V Distributed
Power Systems
s
48V Telecom Systems
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Allows Safe Board Insertion and Removal from a
Live Backplane
s
Controls Supply Voltage from 10.8V to 80V
s
Foldback Current Limiting
s
Open Circuit and Overcurrent Fault Detect
s
Drives an External N-Channel MOSFET
s
Automatic Retry or Latched Off Operation
After Overcurrent Fault
s
Programmable Supply Voltage Power-Up Rate
s
Open MOSFET Detection
s
1% Over and Undervoltage Detection Accuracy
s
Available in a 16-Lead SSOP Package
Positive High Voltage
Hot Swap Controller
with Open-Circuit Detect
Hot Swap is a trademark of Linear Technology Corporation.
4256 TA01
0.020
Ω
LT4256-3
SENSE
VCC
GATE
FB
VOUT
PWRGD
RETRY
UV
OV
TIMER
GND
VIN
48V
GND
(SHORT PIN)
IRF540
CMPZ5241BS
11V
4.02k
4.02k
64.9k
100
Ω
4.02k
10
Ω
36.5k
PWRGD
VOUT
48V
2A
51k
CL
33nF
0.01
µF
10nF
OPEN
SMAT70A
UV = 36V
OV = 73V
PWRGD = 40V
+
48V, 2A Hot Swap Controller
VIN
50V/DIV
VOUT
50V/DIV
PWRGD
50V/DIV
2.5ms/DIV
42563 TA02
INRUSH
CURRENT
500mA/DIV
CONTACT BOUNCE
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
LT4256-3 Start-Up Behavior


Similar Part No. - LT4256-3IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4256-3 LINER-LT4256-3_15 Datasheet
266Kb / 20P
Positive High Voltage Hot Swap Controller with Open-Circuit Detect
More results

Similar Description - LT4256-3IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1641 LINER-LT1641 Datasheet
187Kb / 12P
Positive High Voltage Hot Swap Controller
LTC4260 LINER-LTC4260 Datasheet
251Kb / 28P
Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring
logo
Micrel Semiconductor
MIC2587 MICREL-MIC2587 Datasheet
536Kb / 16P
Single-Channel, Positive High-Voltage Hot Swap Controller
logo
Linear Technology
LT1641 LINER-LT1641_15 Datasheet
198Kb / 12P
Positive High Voltage Hot Swap Controller
LT4254 LINER-LT4254_15 Datasheet
237Kb / 16P
Positive High Voltage Hot Swap Controller with Open-Circuit Detect
LT4256-3 LINER-LT4256-3_15 Datasheet
266Kb / 20P
Positive High Voltage Hot Swap Controller with Open-Circuit Detect
LTC4260 LINER-LTC4260_15 Datasheet
300Kb / 30P
Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring
logo
Micrel Semiconductor
MIC2587 MICREL-MIC2587_13 Datasheet
1,007Kb / 22P
Single-Channel, Positive High-Voltage Hot Swap Controller
logo
Texas Instruments
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
Positive High-Voltage Power-Limiting Hot Swap Controller
logo
Linear Technology
LT4254 LINER-LT4254 Datasheet
253Kb / 16P
Positive High Voltage Hot Swap Controller with Open-Circuit Detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com