Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4256-3IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LT4256-3IGN
Description  Positive High Voltage Hot Swap Controller with Open-Circuit Detect
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4256-3IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LT4256-3IGN Datasheet HTML 8Page - Linear Technology LT4256-3IGN Datasheet HTML 9Page - Linear Technology LT4256-3IGN Datasheet HTML 10Page - Linear Technology LT4256-3IGN Datasheet HTML 11Page - Linear Technology LT4256-3IGN Datasheet HTML 12Page - Linear Technology LT4256-3IGN Datasheet HTML 13Page - Linear Technology LT4256-3IGN Datasheet HTML 14Page - Linear Technology LT4256-3IGN Datasheet HTML 15Page - Linear Technology LT4256-3IGN Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LT4256-3
12
42563f
APPLICATIO S I FOR ATIO
Short-Circuit Protection
The LT4256-3 features a programmable foldback current
limit with an electronic circuit breaker that protects against
short circuits or excessive load currents. The current limit
is set by placing a sense resistor (R5) between VCC and
SENSE. The current limit threshold is calculated as:
ILIMIT = 55mV/R5
(5)
To limit excessive power dissipation in the pass transistor
and to reduce voltage spikes on the input supply during
short-circuit conditions at the output, the current folds
back as a function of the output voltage, which is sensed
internally on FB.
If the LT4256-3 goes into current limit when the voltage on
FB is 0V, the current limit circuit drives GATE to force a
constant 14mV drop across the sense resistor. As the
output at FB increases, the voltage across the sense
resistor increases until FB reaches 2V, at which point the
voltage across the sense resistor is held constant at 55mV
(see Figure 8).
For a 0.025
Ω sense resistor, the typical current limit is set
at 2200mA and folds back to 560mA when the output is
shorted to ground. Thus, MOSFET peak power dissipation
under short-circuit conditions is reduced from 106W to
27W. See the Layout Considerations section for important
information about board layout to minimize current limit
threshold error.
The LT4256-3 also features a variable overcurrent re-
sponse time. The time required for the part to regulate the
GATE voltage is a function of the voltage across the sense
resistor connected between VCC and SENSE. This helps to
eliminate sensitivity to current spikes and transients that
might otherwise unnecessarily trigger a current limit re-
sponse and increase MOSFET dissipation. Figure 9 shows
the response time as a function of the overdrive at SENSE.
Figure 8. Current Limit Sense Voltage vs Feedback Pin Voltage
Figure 9. Response Time to Overcurrent
14mV
0V
2V
FB
4256 F08
55mV
VCC – VSENSE
50
100
150
200
4256 F09
12
10
8
6
4
2
VCC – VSENSE (mV)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com