Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4256-3IGN Datasheet(PDF) 5 Page - Linear Technology

Part # LT4256-3IGN
Description  Positive High Voltage Hot Swap Controller with Open-Circuit Detect
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4256-3IGN Datasheet(HTML) 5 Page - Linear Technology

  LT4256-3IGN Datasheet HTML 1Page - Linear Technology LT4256-3IGN Datasheet HTML 2Page - Linear Technology LT4256-3IGN Datasheet HTML 3Page - Linear Technology LT4256-3IGN Datasheet HTML 4Page - Linear Technology LT4256-3IGN Datasheet HTML 5Page - Linear Technology LT4256-3IGN Datasheet HTML 6Page - Linear Technology LT4256-3IGN Datasheet HTML 7Page - Linear Technology LT4256-3IGN Datasheet HTML 8Page - Linear Technology LT4256-3IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT4256-3
5
42563f
FB Thresholds vs Temperature
OPEN Output Voltage vs IOPEN
FB Current vs FB Voltage
OPEN Threshold Voltage
vs Temperature
PWRGD Output Voltage
vs IPWRGD
OV Current vs OV Voltage
IOPEN (mA)
0
0
2
4
6
2
4
68
42563 G13
10
8
10
1
3
5
7
9
12
TEMPERATURE (
°C)
–50
0
0.5
1.5
2.5
3.5
5.0
–25
025
50
42563 G14
75
100
4.5
1.0
2.0
3.0
4.0
VCC – VSENSE
IPWRGD (mA)
0
0
1
2
3
4
6
2
46
8
42563 G15
10
12
5
TEMPERATURE (
°C)
–50
3.9
4.0
4.1
4.2
4.3
4.5
–25
025
50
42563 G16
75
100
4.4
H-L THRESHOLD
L-H THRESHOLD
VOV (V)
0
–50
0
50
100
150
200
250
510
15
20
42563 G19
VFB (V)
0
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
10
20
30
40
42563 G20
50
TYPICAL PERFOR A CE CHARACTERISTICS
Specifications are at TA = 25°C unless otherwise noted.
UV Thresholds vs Temperature
TEMPERATURE (
°C)
–50
3.5
3.6
3.7
3.8
3.9
4.1
–25
025
50
42563 G11
75
100
4.0
H-L THRESHOLD
L-H THRESHOLD
OV Thresholds vs Temperature
TEMPERATURE (
°C)
–50
3.5
3.6
3.7
3.8
3.9
4.1
–25
025
50
42563 G12
75
100
4.0
H-L THRESHOLD
L-H THRESHOLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com