Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4256-3IGN Datasheet(PDF) 18 Page - Linear Technology

Part # LT4256-3IGN
Description  Positive High Voltage Hot Swap Controller with Open-Circuit Detect
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4256-3IGN Datasheet(HTML) 18 Page - Linear Technology

Back Button LT4256-3IGN Datasheet HTML 12Page - Linear Technology LT4256-3IGN Datasheet HTML 13Page - Linear Technology LT4256-3IGN Datasheet HTML 14Page - Linear Technology LT4256-3IGN Datasheet HTML 15Page - Linear Technology LT4256-3IGN Datasheet HTML 16Page - Linear Technology LT4256-3IGN Datasheet HTML 17Page - Linear Technology LT4256-3IGN Datasheet HTML 18Page - Linear Technology LT4256-3IGN Datasheet HTML 19Page - Linear Technology LT4256-3IGN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LT4256-3
18
42563f
APPLICATIO S I FOR ATIO
Figure 18. Recommended Component Placement
Layout Considerations
To achieve accurate current sensing, a Kelvin connection
to the current sense resistor (R5 in typical application
circuit) is recommended. Note that 1oz copper exhibits a
sheet resistance of about 530
µΩ/ . Small resistances can
cause large errors in high current applications. Noise
immunity will be improved significantly by locating resis-
tor dividers close to the pins with short VCC and GND
traces. The minimum trace width for 1oz copper foil is
0.02" per amp to make sure the trace stays at a reasonable
temperature. 0.03" per amp or wider is recommended.
Figure 18 shows a layout that meets these requirements.
C1
42563 F18
VOUT
VIN
GND
R8
R7
R5
Q1
D1
R6
R9
R3
R1
D2
R2
LT4256-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com