Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4256-3IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LT4256-3IGN
Description  Positive High Voltage Hot Swap Controller with Open-Circuit Detect
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4256-3IGN Datasheet(HTML) 4 Page - Linear Technology

  LT4256-3IGN Datasheet HTML 1Page - Linear Technology LT4256-3IGN Datasheet HTML 2Page - Linear Technology LT4256-3IGN Datasheet HTML 3Page - Linear Technology LT4256-3IGN Datasheet HTML 4Page - Linear Technology LT4256-3IGN Datasheet HTML 5Page - Linear Technology LT4256-3IGN Datasheet HTML 6Page - Linear Technology LT4256-3IGN Datasheet HTML 7Page - Linear Technology LT4256-3IGN Datasheet HTML 8Page - Linear Technology LT4256-3IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT4256-3
4
42563f
TYPICAL PERFOR A CE CHARACTERISTICS
GATE Pull-Up Current
vs Temperature
GATE Pull-Down Current
vs Temperature
TIMER Currents vs VCC
TIMER Currents vs Temperature
TEMPERATURE (
°C)
–50
–40
–35
–30
–20
0
–25
025
50
42563 G04
75
100
–10
–25
–5
–15
TEMPERATURE (
°C)
–50
56
57
58
60
63
–25
025
50
42563 G05
75
100
62
59
61
VGATE – VOUT Voltage
vs Temperature
TEMPERATURE (
°C)
–50
10.0
10.5
11.0
12.0
14.0
–25
025
50
42563 G07
75
100
13.0
13.5
11.5
12.5
VCC = 80V
VCC = 48V
VCC = 20V
TEMPERATURE (
°C)
–50
–140
–120
–100
–80
0
5.0
–25
025
50
42563 G08
75
100
2.5
PULL-UP CURRENT
PULL-DOWN CURRENT
VCC (V)
10
0
2.5
5.0
40
60
42563 G09
–80
–100
20
30
50
70
80
–120
–140
PULL-UP CURRENT
PULL-DOWN CURRENT
TIMER Shutdown Threshold
vs Temperature
TEMPERATURE (
°C)
–50
0
4.2
4.4
4.8
5.4
–25
025
50
42563 G10
75
100
5.2
4.6
5.0
Specifications are at TA = 25°C unless otherwise noted.
GATE Pull-Down Capability vs VCC
Below Minimum Operating Voltage
VCC (V)
0
0
10
20
30
40
60
2
46
8
42563 G17
10
12
50
VGATE – VOUT Voltage
vs Temperature
TEMPERATURE (
°C)
–50
0
2
4
8
14
–25
025
50
42563 G06
75
100
12
6
10
VCC = 10.8V
VCC = 12V
VCC = 18V
UV Current vs UV Voltage
VUV (V)
0123
4
–1.4
–1.2
–0.8
–0.6
–0.4
40
0.4
42563 G18
–1.0
10
20
30
50
–0.2
0
0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com