Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4256-3IGN Datasheet(PDF) 13 Page - Linear Technology

Part # LT4256-3IGN
Description  Positive High Voltage Hot Swap Controller with Open-Circuit Detect
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4256-3IGN Datasheet(HTML) 13 Page - Linear Technology

Back Button LT4256-3IGN Datasheet HTML 9Page - Linear Technology LT4256-3IGN Datasheet HTML 10Page - Linear Technology LT4256-3IGN Datasheet HTML 11Page - Linear Technology LT4256-3IGN Datasheet HTML 12Page - Linear Technology LT4256-3IGN Datasheet HTML 13Page - Linear Technology LT4256-3IGN Datasheet HTML 14Page - Linear Technology LT4256-3IGN Datasheet HTML 15Page - Linear Technology LT4256-3IGN Datasheet HTML 16Page - Linear Technology LT4256-3IGN Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT4256-3
13
42563f
APPLICATIO S I FOR ATIO
TIMER
TIMER provides a method for programming the maximum
time the part is allowed to operate in current limit. When
the current limit circuitry is not active, TIMER is pulled to
GND by a 3
µA current source. When the current limit
circuitry becomes active, a 118
µA pull-up current source
is connected to TIMER and the voltage will rise with a slope
equal to 115
µA/CTIMERaslongasthecircuitrystaysactive.
Once the desired maximum current limit time is known,
the capacitor value is:
CnF
25 • t ms ; C =
115 A
4.65V
[]=
[]
µ
•t
(6)
Whenever TIMER reaches 4.65V (typ), the internal fault
latch is set causing GATE to be pulled low and TIMER to be
discharged to GND by the 3
µA current source. The part is
not allowed to turn on again until the voltage on TIMER
falls below 0.65V (typ).
Whenever GATE is commanded off by any fault condition,
it is discharged with a high current, turning off the external
MOSFET. The waveform in Figure 10 shows how the
output latches off following a current fault. The drop
across the sense resistor is held at 55mV as the timer
ramps up. Once TIMER reaches its shutdown threshold
(4.65V typically), the circuit latches off.
Automatic Restart
If RETRY is floating, then the device automatically restarts
after a current overload fault.
When the voltage at TIMER ramps back down to 0.65V
(typ), the LT4256-3 turns on again. If the short-circuit
condition at the output still exists, the cycle will repeat
itself indefinitely. The duty cycle under short-circuit con-
ditions is 3% which prevents Q1 from overheating. Fig-
ure 11 shows representative waveforms during a short
circuit.
Latch Off Operation
If RETRY is grounded, the LT4256-3 will latch off after a
current fault. After the part latches off, it may be com-
manded to start back up. This is accomplished by cycling
UV to ground and then back high (this command can only
be accepted after TIMER discharges below the 0.65V typ
threshold, which prevents overheating transistor Q1).
Figure 10. Latch Off Waveforms
Figure 11. RETRY Waveforms
10ms/DIV
4256 F10
IOUT
500mA/DIV
VOUT
50V/DIV
TIMER
5V/DIV
GATE
50V/DIV
IOUT
500mA/DIV
VOUT
50V/DIV
TIMER
5V/DIV
GATE
50V/DIV
10ms/DIV
4256 F11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com