Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4256-3IGN Datasheet(PDF) 20 Page - Linear Technology

Part # LT4256-3IGN
Description  Positive High Voltage Hot Swap Controller with Open-Circuit Detect
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4256-3IGN Datasheet(HTML) 20 Page - Linear Technology

Back Button LT4256-3IGN Datasheet HTML 12Page - Linear Technology LT4256-3IGN Datasheet HTML 13Page - Linear Technology LT4256-3IGN Datasheet HTML 14Page - Linear Technology LT4256-3IGN Datasheet HTML 15Page - Linear Technology LT4256-3IGN Datasheet HTML 16Page - Linear Technology LT4256-3IGN Datasheet HTML 17Page - Linear Technology LT4256-3IGN Datasheet HTML 18Page - Linear Technology LT4256-3IGN Datasheet HTML 19Page - Linear Technology LT4256-3IGN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LT4256-3
20
42563f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1641-1/LT1641-2
Positive 48V Hot Swap Controller in SO-8
9V to 80V Operation, Active Current Limit, Autoretry/Latchoff
LTC4211
Single Hot Swap Controller with Multifunction Current Control 2.5V to 16.5V, Active Inrush Limiting, Dual Level Cicuit Breaker
LTC4251
– 48V Hot Swap Controller in SOT-23
Floating Supply from –15V, Active Current Limiting,
Fast Circuit Breaker
LTC4252-1/LTC4252-2 – 48V Hot Swap Controller in MSOP
Floating Supply from –15V, Active Current Limiting,
Power Good Output
LTC4253
– 48V Hot Swap Controller and Supply Sequencer
Floating Supply from –15V, Active Current Limiting,
Enables Three DC/DC Converters
LT4254
Positive High Voltage Hot Swap Controller
10.8V to 36V Operation, Open-Circuit Detection
LT4256-1/LT4256-2
Positive High Voltage Hot Swap Controller
10.8V to 80V Operation, Active Current Limit, Autoretry/Latchoff
©LINEAR TECHNOLOGY CORPORATION 2004
LT/TP 0304 1K • PRINTED IN USA
APPLICATIO S I FOR ATIO
R5
0.020
Ω
LT4256-3
SENSE
VCC
GATE
FB
VOUT
PWRGD
RETRY
UV
OV
TIMER
GND
D3
CMPZ5241BS
11V
R3
4.02k
R2
4.02k
R1
64.9k
R7
100
Ω
R9
4.02k
R6
10
Ω
R8
36.5k
PWRGD2
VOUT2
48V
2A
R4
51k
CL2
33nF
C3
0.01
µF
C1
10nF
OPEN
UV = 36V
OV = 73V
PWRGD = 40V
+
4256 TA03
R5
0.020
Ω
LT4256-3
SENSE
VCC
GATE
FB
VOUT
PWRGD
RETRY
UV
OV
TIMER
GND
VIN
48V
GND
(SHORT PIN)
Q1
IRF540
Q2
IRF540
D1
CMPZ5241BS
11V
R3
4.02k
R2
4.02k
R1
64.9k
R7
100
Ω
R9
4.02k
R6
10
Ω
R8
36.5k
PWRGD1
VOUT1
48V
2A
R4
51k
CL1
C2
33nF
C3
0.01
µF
C1
10nF
OPEN
D2
SMAT70A
UV = 36V
OV = 73V
PWRGD = 40V
+
Dual 48V Supply Sequencing Application
VIN
50V/DIV
VOUT1
50V/DIV
VOUT2
50V/DIV
5ms/DIV
4256 TA04
PWRGD1
50V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com