Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2129T Datasheet(PDF) 47 Page - NXP Semiconductors

Part # PCF2129T
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2129T Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button PCF2129T Datasheet HTML 43Page - NXP Semiconductors PCF2129T Datasheet HTML 44Page - NXP Semiconductors PCF2129T Datasheet HTML 45Page - NXP Semiconductors PCF2129T Datasheet HTML 46Page - NXP Semiconductors PCF2129T Datasheet HTML 47Page - NXP Semiconductors PCF2129T Datasheet HTML 48Page - NXP Semiconductors PCF2129T Datasheet HTML 49Page - NXP Semiconductors PCF2129T Datasheet HTML 50Page - NXP Semiconductors PCF2129T Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 86 page
background image
PCF2129
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 7 — 19 December 2014
47 of 86
NXP Semiconductors
PCF2129
Accurate RTC with integrated quartz crystal for industrial applications
The pulse generator for the minute/second interrupt operates from an internal 64 Hz clock
and generates a pulse of 1⁄64 seconds in duration.
8.12.2 INT pulse shortening
If the MSF flag (register Control_2) is cleared before the end of the INT pulse, then the
INT pulse is shortened. This allows the source of a system interrupt to be cleared
immediately when it is serviced, that is, the system does not have to wait for the
completion of the pulse before continuing; see Figure 24. Instructions for clearing the bit
MSF can be found in Section 8.10.5.
8.12.3 Watchdog timer interrupts
The generation of interrupts from the watchdog timer is controlled using the WD_CD bit
(register Watchdg_tim_ctl). The interrupt is generated as an active signal which follows
the status of the watchdog timer flag WDTF (register Control_2). No pulse generation is
possible for watchdog timer interrupts.
The interrupt is cleared when the flag WDTF is reset. WDTF is a read-only bit and cannot
be cleared by command. Instructions for clearing it can be found in Section 8.10.5.
8.12.4 Alarm interrupts
Generation of interrupts from the alarm function is controlled by the bit AIE (register
Control_2). If AIE is enabled, the INT pin follows the status of bit AF (register Control_2).
Clearing AF immediately clears INT. No pulse generation is possible for alarm interrupts.
(1) Indicates normal duration of INT pulse.
The timing shown for clearing bit MSF is also valid for the non-pulsed interrupt mode, that is, when
TI_TP is logic 0, where the INT pulse may be shortened by setting both bits MI and SI logic 0.
Fig 24. Example of shortening the INT pulse by clearing the MSF flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com