Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2129T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF2129T
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2129T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF2129T Datasheet HTML 4Page - NXP Semiconductors PCF2129T Datasheet HTML 5Page - NXP Semiconductors PCF2129T Datasheet HTML 6Page - NXP Semiconductors PCF2129T Datasheet HTML 7Page - NXP Semiconductors PCF2129T Datasheet HTML 8Page - NXP Semiconductors PCF2129T Datasheet HTML 9Page - NXP Semiconductors PCF2129T Datasheet HTML 10Page - NXP Semiconductors PCF2129T Datasheet HTML 11Page - NXP Semiconductors PCF2129T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 86 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Table 5.
Register overview
Bit positions labeled as - are not implemented and return 0 when read. Bits labeled as T must always be written with logic 0. Bits labeled as X are undefined at
power-on and unchanged by subsequent resets.
Address
Register name
Bit
Reset value
Reference
7
6
5
4
3
2
1
0
Control registers
00h
Control_1
EXT_
TEST
TSTOP
TSF1
POR_
OVRD
12_24
MI
SI
0000 1000
Table 7 on page 10
01h
Control_2
MSF
WDTF
TSF2
AF
T
TSIE
AIE
T
0000 0000
Table 9 on page 11
02h
Control_3
PWRMNG[2:0]
BTSE
BF
BLF
BIE
BLIE
0000 0000
Table 11 on page 12
Time and date registers
03h
Seconds
OSF
SECONDS (0 to 59)
1XXX XXXX
Table 22 on page 25
04h
Minutes
-
MINUTES (0 to 59)
- XXX XXXX
Table 25 on page 26
05h
Hours
-
-
AMPM
HOURS (1 to 12) in 12-hour mode
- - XX XXXX
Table 27 on page 27
HOURS (0 to 23) in 24-hour mode
- - XX XXXX
06h
Days
-
-
DAYS (1 to 31)
- - XX XXXX
Table 29 on page 27
07h
Weekdays
----
-
WEEKDAYS (0 to 6)
- - - - - XXX
Table 31 on page 28
08h
Months
-
-
-
MONTHS (1 to 12)
- - - X XXXX
Table 34 on page 29
09h
Years
YEARS (0 to 99)
XXXX XXXX
Table 37 on page 30
Alarm registers
0Ah
Second_alarm
AE_S
SECOND_ALARM (0 to 59)
1XXX XXXX
Table 39 on page 33
0Bh
Minute_alarm
AE_M
MINUTE_ALARM (0 to 59)
1XXX XXXX
Table 41 on page 33
0Ch
Hour_alarm
AE_H
-
AMPM
HOUR_ALARM (1 to 12) in 12-hour mode
1 - XX XXXX
Table 43 on page 34
HOUR_ALARM (0 to 23) in 24-hour mode
1 - XX XXXX
0Dh
Day_alarm
AE_D
-
DAY_ALARM (1 to 31)
1 - XX XXXX
Table 45 on page 34
0Eh
Weekday_alarm
AE_W
-
-
-
-
WEEKDAY_ALARM (0 to 6)
1 - - - - XXX
Table 47 on page 35
CLKOUT control register
0Fh
CLKOUT_ctl
TCR[1:0]
OTPR
-
-
COF[2:0]
00X - - 000
Table 13 on page 12
Watchdog registers
10h
Watchdg_tim_ctl
WD_CD
T
TI_TP
-
-
-
TF[1:0]
000 - - - 11
Table 49 on page 36
11h
Watchdg_tim_val
WATCHDG_TIM_VAL[7:0]
XXXX XXXX
Table 51 on page 36
Timestamp registers
12h
Timestp_ctl
TSM
TSOFF
-
1_O_16_TIMESTP[4:0]
00 - X XXXX
Table 58 on page 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com