Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2129T Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCF2129T
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2129T Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCF2129T Datasheet HTML 16Page - NXP Semiconductors PCF2129T Datasheet HTML 17Page - NXP Semiconductors PCF2129T Datasheet HTML 18Page - NXP Semiconductors PCF2129T Datasheet HTML 19Page - NXP Semiconductors PCF2129T Datasheet HTML 20Page - NXP Semiconductors PCF2129T Datasheet HTML 21Page - NXP Semiconductors PCF2129T Datasheet HTML 22Page - NXP Semiconductors PCF2129T Datasheet HTML 23Page - NXP Semiconductors PCF2129T Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 86 page
background image
PCF2129
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 7 — 19 December 2014
20 of 86
NXP Semiconductors
PCF2129
Accurate RTC with integrated quartz crystal for industrial applications
8.5.1.4
Battery switch-over architecture
The architecture of the battery switch-over circuit is shown in Figure 8.
Voper(int) is at VDD or VBAT potential.
Remark: It has to be assured that there are decoupling capacitors on the pins VDD, VBAT,
and BBS.
8.5.2 Battery low detection function
The PCF2129 has a battery low detection circuit which monitors the status of the battery
VBAT.
When VBAT drops below the threshold value Vth(bat)low (typically 2.5 V), the BLF flag
(register Control_3) is set to indicate that the battery is low and that it must be replaced.
Monitoring of the battery voltage also occurs during battery operation.
An unreliable battery cannot prevent that the supply voltage drops below Vlow (typical
1.2 V) and with that the data integrity gets lost. (For further information about Vlow see
Section 8.6.)
When VBAT drops below the threshold value Vth(bat)low, the following sequence occurs (see
Figure 9):
1. The battery low flag BLF is set logic 1.
2. An interrupt is generated if the control bit BLIE (register Control_3) is enabled
(see Section 8.12.7).
3. The flag BLF remains logic 1 until the battery is replaced. BLF cannot be cleared by
command. It is automatically cleared by the battery low detection circuit when the
battery is replaced or when the voltage rises again above the threshold value. This
could happen if a super capacitor is used as a backup source and the main power is
applied again.
Fig 8.
Battery switch-over circuit, simplified block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com