Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2129T Datasheet(PDF) 68 Page - NXP Semiconductors

Part # PCF2129T
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2129T Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button PCF2129T Datasheet HTML 64Page - NXP Semiconductors PCF2129T Datasheet HTML 65Page - NXP Semiconductors PCF2129T Datasheet HTML 66Page - NXP Semiconductors PCF2129T Datasheet HTML 67Page - NXP Semiconductors PCF2129T Datasheet HTML 68Page - NXP Semiconductors PCF2129T Datasheet HTML 69Page - NXP Semiconductors PCF2129T Datasheet HTML 70Page - NXP Semiconductors PCF2129T Datasheet HTML 71Page - NXP Semiconductors PCF2129T Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 86 page
background image
PCF2129
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 7 — 19 December 2014
68 of 86
NXP Semiconductors
PCF2129
Accurate RTC with integrated quartz crystal for industrial applications
14.2 I2C-bus timing characteristics
[1]
The minimum SCL clock frequency is limited by the bus time-out feature which resets the serial bus interface if either the SDA or SCL is
held LOW for a minimum of 25 ms. The bus time-out feature must be disabled for DC operation.
[2]
A master device must internally provide a hold time of at least 300 ns for the SDA signal (refer to the VIL of the SCL signal) in order to
bridge the undefined region of the falling edge of SCL.
[3]
Cb is the total capacitance of one bus line in pF.
[4]
The maximum tf for the SDA and SCL bus lines is 300 ns. The maximum fall time for the SDA output stage, tf is 250 ns. This allows
series protection resistors to be connected between the SDA/CE pin, the SCL pin, and the SDA/SCL bus lines without exceeding the
maximum tf.
[5]
tVD;ACK is the time of the acknowledgement signal from SCL LOW to SDA (out) LOW.
[6]
tVD;DAT is the minimum time for valid SDA (out) data following SCL LOW.
[7]
Input filters on the SDA and SCL inputs suppress noise spikes of less than 50 ns.
Table 82.
I2C-bus characteristics
All timing characteristics are valid within the operating supply voltage and ambient temperature range and reference to 30 %
and 70 % with an input voltage swing of VSS to VDD (see Figure 47).
Symbol
Parameter
Standard mode
Fast-mode (Fm)
Unit
Min
Max
Min
Max
Pin SCL
fSCL
SCL clock frequency
[1] 0
100
0
400
kHz
tLOW
LOW period of the SCL clock
4.7
-
1.3
-
s
tHIGH
HIGH period of the SCL clock
4.0
-
0.6
-
s
Pin SDA/CE
tSU;DAT
data set-up time
250
-
100
-
ns
tHD;DAT
data hold time
0
-
0
-
ns
Pins SCL and SDA/CE
tBUF
bus free time between a STOP
and START condition
4.7
-
1.3
-
s
tSU;STO
set-up time for STOP condition
4.0
-
0.6
-
s
tHD;STA
hold time (repeated) START
condition
4.0
-
0.6
-
s
tSU;STA
set-up time for a repeated START
condition
4.7
-
0.6
-
s
tr
rise time of both SDA and SCL
signals
[2][3][4] -
1000
20 + 0.1Cb
300
ns
tf
fall time of both SDA and SCL
signals
[2][3][4] -
300
20 + 0.1Cb
300
ns
tVD;ACK
data valid acknowledge time
[5] 0.1
3.45
0.1
0.9
s
tVD;DAT
data valid time
[6] 300
-
75
-
ns
tSP
pulse width of spikes that must be
suppressed by the input filter
[7] -50
-50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com